Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA516BE Datasheet (PDF) - STMicroelectronics

STA516BE Datasheet PDF - STMicroelectronics
Part # STA516BE_V01
Download  STA516BE Download
File Size   468.58 Kbytes
Page   23 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 500 W FFX digital amplifier power stage

STA516BE Datasheet (PDF)

Go To PDF Page Download Datasheet
STA516BE Datasheet PDF - STMicroelectronics

Part # STA516BE_V01
Download  STA516BE Click to download

File Size   468.58 Kbytes
Page   23 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 500 W FFX digital amplifier power stage

STA516BE Datasheet (HTML) - STMicroelectronics


STA516BE Product details

Features
• Output Power at 56 V supply voltage
– 2 x 250 W at 10% THD + N into 6 Ω BTL
– 2 x 200 W at 10% THD + N into 8 Ω BTL
– 4 x 130 W at 10% THD + N into 3 Ω SE
– 4 x 100 W at 10% THD + N into 4 Ω SE
– 1 x 480 W at 10% THD + N into 3 Ω PBTL
– 1 x 380 W at 10% THD + N into 2 Ω PBTL
• Output Power at 52 V supply voltage
– 2 x 200 W at 10% THD + N into 6 Ω BTL
– 4 x 100 W at 10% THD + N into 3 Ω SE
– 1 x 400 W at 10% THD + N into 2 Ω PBTL
• < 0.1% THD + N at 1 W
• PSO-36 thermally enhanced package
• Minimum input / output pulse width distortion
• High efficiency power stage (> 90%) with 190 mΩ RdsON
• CMOS compatible logic inputs
• Integrated self protection circuits including overtemperature, undervoltage,
overvoltage, overload, short-circuit
• EMI compliant when used with recommended system design
• Automatic recovery mode after fault conditions

Applications
• Home theater
• DVD receiver
• Mini / Micro Audio systems




Similar Part No. - STA516BE_V01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA516BE13TR STMICROELECTRONICS-STA516BE13TR Datasheet
460Kb / 20P
500 W FFX digital amplifier power stage
02-Apr-2014
More results


Similar Description - STA516BE_V01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5110A TI-TAS5110A Datasheet
165Kb / 17P
PurePath Digital AMPLIFIER TAS5110A 50-W DIGITAL AMPLIFIER POWER STAGE
TAS5122 TI-TAS5122_07 Datasheet
555Kb / 22P
30-W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5352 TI-TAS5352 Datasheet
827Kb / 27P
125 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5342A TI-TAS5342A Datasheet
851Kb / 27P
100 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5342LA TI-TAS5342LA Datasheet
840Kb / 27P
100 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5342DDVRG4 TI-TAS5342DDVRG4 Datasheet
974Kb / 29P
100 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5110A TI1-TAS5110A_16 Datasheet
473Kb / 20P
PurePath Digital AMPLIFIER TAS5110A 50-W DIGITAL AMPLIFIER POWER STAGE
TAS5342A TI1-TAS5342A_13 Datasheet
1Mb / 27P
100 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5352 TI1-TAS5352_16 Datasheet
1Mb / 29P
125 W STEREO DIGITAL AMPLIFIER POWER STAGE
logo
STMicroelectronics
STA516BE STMICROELECTRONICS-STA516BE Datasheet
460Kb / 20P
500 W FFX digital amplifier power stage
02-Apr-2014
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com