Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CL-PS7111 Datasheet (PDF) - Cirrus Logic

CL-PS7111 Datasheet PDF - Cirrus Logic
Part # CL-PS7111
Download  CL-PS7111 Download
File Size   1207.38 Kbytes
Page   105 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description Low-Power System-on-a-Chip

CL-PS7111 Datasheet (PDF)

Go To PDF Page Download Datasheet
CL-PS7111 Datasheet PDF - Cirrus Logic

Part # CL-PS7111
Download  CL-PS7111 Click to download

File Size   1207.38 Kbytes
Page   105 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description Low-Power System-on-a-Chip

CL-PS7111 Datasheet (HTML) - Cirrus Logic


CL-PS7111 Product details

OVERVIEW
The CL-PS7111 is designed for ultra-low-power applications such as organizers/PDAs, two-way pagers, smart phones, and hand-held internet appliances. The core-logic functionality of the device is built around an ARM710a microprocessor with 8 Kbytes of four-way set-associative unified cache.

FEATURES
■ Ultra low power
    — Designed for applications that require long battery life while using standard AA/AAA batteries
    — Average 45 mW/66 mW in normal operation (2.7 V/3.3 V, 13 MHz/18.432 MHz)
    — Average 15 mW in idle mode (clock to the CPU stopped, everything else running)
    — Average 15 µA in standby mode (realtime clock on, everything else stopped)
■ Performance matching 33-MHz Intel ’486-based PC
    — 15 Vax™-MIPS (Dhrystone) at 18 MHz
■ ARM710a microprocessor
    — ARM7 CPU
    — 8 Kbytes of four-way set-associative cache
    — MMU with 64-entry TLB (transition look-aside buffer)
■ DRAM controller
    — Supports both 16- and 32-bit-wide DRAMs
■ ROM/SRAM/flash memory control
    — Decodes 4, 5, or 6 separate memory segments of 256 Mbytes
    — Each segment can be configured as 8, 16, or 32 bits wide and support page-mode access — Programmable access time for conventional SRAM/ROM/flash memory
■ Support for up to two ultra-low-power CL-PS6700 PC Card controllers
■ 2 Kbytes of on-chip SRAM for fast program execution
■ On-chip boot ROM
■ Two synchronous serial interfaces
    — Supports SPI1 or Microwire2-compatible
    — Audio codec
■ 27-bit general-purpose I/O
    — Three 8-bit and one 3-bit GPIO port
    — Supports scanning keyboard matrix
(Continue ...)




Similar Part No. - CL-PS7111

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CL-PS7110 CIRRUS-CL-PS7110 Datasheet
1Mb / 82P
Low-Power System-on-a-Chip
Version 1.5 May 1997
CL-PS7110-VC-A CIRRUS-CL-PS7110-VC-A Datasheet
1Mb / 82P
Low-Power System-on-a-Chip
Version 1.5 May 1997
CL-PS7110-VI-A CIRRUS-CL-PS7110-VI-A Datasheet
1Mb / 82P
Low-Power System-on-a-Chip
Version 1.5 May 1997
More results


Similar Description - CL-PS7111

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CL-PS7110 CIRRUS-CL-PS7110 Datasheet
1Mb / 82P
Low-Power System-on-a-Chip
Version 1.5 May 1997
logo
Freescale Semiconductor...
MC9S12UF32 FREESCALE-MC9S12UF32 Datasheet
1Mb / 128P
System on a Chip Guide V01.05
logo
Zoran Corporation
ZR391055 ZORAN-ZR391055 Datasheet
66Kb / 2P
Integrated DTV System On a Chip
logo
Holt Integrated Circuit...
HI-8582 HOLTIC-HI-8582_06 Datasheet
156Kb / 15P
ARINC 429 System on a Chip
HI-8582 HOLTIC-HI-8582_13 Datasheet
236Kb / 16P
ARINC 429 System on a Chip
logo
Texas Instruments
CC1110FX TI1-CC1110FX_16 Datasheet
3Mb / 249P
Low-Power SoC (System-on-Chip)
CC2510FX TI1-CC2510FX_16 Datasheet
3Mb / 245P
Low-Power SoC (System-on-Chip)
logo
ON Semiconductor
NCS36510 ONSEMI-NCS36510_16 Datasheet
215Kb / 34P
Low Power System-on-Chip
September, 2016 ??Rev. 0
logo
List of Unclassifed Man...
P-51 ETC1-P-51 Datasheet
487Kb / 4P
Peripheral 8051 System on a Chip
logo
Infineon Technologies A...
PSB21553E INFINEON-PSB21553E Datasheet
198Kb / 2P
VoIP System on a Chip
More results




About Cirrus Logic


Cirrus Logic is an American company that specializes in the design and manufacture of high-precision analog and mixed-signal integrated circuits (ICs).
The company was founded in 1984 and is headquartered in Austin, Texas, USA.
Cirrus Logic offers a wide range of products including audio converters, audio codecs, digital signal processors, and other analog and mixed-signal ICs.
The company's products are used in various applications such as consumer electronics, automotive audio systems, and professional audio equipment.
Cirrus Logic is known for its expertise in analog and mixed-signal technology, high-quality products, and innovation in the field of audio and voice processing.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com