Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CL-PS7110 Datasheet (PDF) - Cirrus Logic

CL-PS7110 Datasheet PDF - Cirrus Logic
Part # CL-PS7110
Download  CL-PS7110 Download
File Size   1101.85 Kbytes
Page   82 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description Low-Power System-on-a-Chip

CL-PS7110 Datasheet (PDF)

Go To PDF Page Download Datasheet
CL-PS7110 Datasheet PDF - Cirrus Logic

Part # CL-PS7110
Download  CL-PS7110 Click to download

File Size   1101.85 Kbytes
Page   82 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description Low-Power System-on-a-Chip

CL-PS7110 Datasheet (HTML) - Cirrus Logic


CL-PS7110 Product details

OVERVIEW
The CL-PS7110 is designed for ultra-low-power applications such as organizers/PDAs, two-way pagers, smart phones, and hand-held internet browsers. The device’s core-logic functionality is built around an ARM710A microprocessor with 8 Kbytes of four-way set-associative unified cache.

FEATURES
■ Ultra low power
    — Designed for applications that require long battery life while using standard AA/AAA batteries
    — Average 20 mA in normal operation (everything on)
    — Average 5 mA in idle mode (clock to the CPU stopped, everything else running)
    — Average 3 µA in standby mode (realtime clock on and everything else stopped)
■ Performance matching 33-MHz Intel® ’486-based PC
    — 15 Vax™-MIPS (Dhrystone®) at 18 MHz
■ ARM710A microprocessor
    — ARM7 CPU
    — 8 Kbytes of four-way set-associative cache
    — MMU with 64-entry TLB (transition look-aside buffer)
    — Little endian
■ DRAM controller
    — Connects up to four banks of DRAM, with each bank being 32 bits wide and up to 256 Mbytes in size
■ ROM/SRAM/flash memory control
    — Decodes eight separate memory segments of 256 Mbytes
    — Each segment can be configured as 8, 16, or 32 bits wide and support page-mode access
    — Programmable access time for conventional SRAM/ROM/flash memory
    — Expansion device can also be a PC Card (PCMCIA) controller
■ Codec interface
    — Provides all necessary clocks and timing pulses and performs serialization of the data stream (or vice versa) to or from standard telephony codecs
    — Data transfer at 64 kbps
■ Synchronous serial interface
    — Supports SPI1 or Microwire2-compatible interface
■ 36-bit general-purpose I/O
    — Four 8-bit and one 4-bit GPIO port
    — Supports scanning keyboard matrix
■ 16C550-style UART
    — Supports bit rates up to 115.2 kbps
    — Contains two 16-byte FIFOs for Tx and Rx
    — Supports modem control signals
■ SIR (slow (9600–115.2 kbps) infrared) encoder
    — IrDA (Infrared Data Association) SIR protocol encoder can be optionally switched into Tx and Rx signals of the UART up to 115 kbps
■ DC-to-DC converter interface
    — Provides two 96-kHz clock outputs, whose duty ratio are programmable (from 1-in-16 to 15-in-16)
■ LCD controller
    — Interfaces directly to a single-scan panel monochrome LCD
    — Panel size is programmable and is any width (line length) from 16 to 1024 pixels in 16-pixel increments
    — Video frame size programmable up to 128 Kbytes
    — Bits per pixel programmable from 1, 2, or 4
    — Two 32-bit palette registers to support 4-, 2-, or 1-bit pixel values for mapping to any of the 16 grayscale values
■ Two timer counters
■ Realtime clock (32-bit)




Similar Part No. - CL-PS7110

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CL-PS7111 CIRRUS-CL-PS7111 Datasheet
1Mb / 105P
Low-Power System-on-a-Chip
CL-PS7111-VC-A CIRRUS-CL-PS7111-VC-A Datasheet
1Mb / 105P
Low-Power System-on-a-Chip
More results


Similar Description - CL-PS7110

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CL-PS7111 CIRRUS-CL-PS7111 Datasheet
1Mb / 105P
Low-Power System-on-a-Chip
logo
Freescale Semiconductor...
MC9S12UF32 FREESCALE-MC9S12UF32 Datasheet
1Mb / 128P
System on a Chip Guide V01.05
logo
Zoran Corporation
ZR391055 ZORAN-ZR391055 Datasheet
66Kb / 2P
Integrated DTV System On a Chip
logo
Holt Integrated Circuit...
HI-8582 HOLTIC-HI-8582_06 Datasheet
156Kb / 15P
ARINC 429 System on a Chip
HI-8582 HOLTIC-HI-8582_13 Datasheet
236Kb / 16P
ARINC 429 System on a Chip
logo
Texas Instruments
CC1110FX TI1-CC1110FX_16 Datasheet
3Mb / 249P
Low-Power SoC (System-on-Chip)
CC2510FX TI1-CC2510FX_16 Datasheet
3Mb / 245P
Low-Power SoC (System-on-Chip)
logo
ON Semiconductor
NCS36510 ONSEMI-NCS36510_16 Datasheet
215Kb / 34P
Low Power System-on-Chip
September, 2016 ??Rev. 0
logo
List of Unclassifed Man...
P-51 ETC1-P-51 Datasheet
487Kb / 4P
Peripheral 8051 System on a Chip
logo
Infineon Technologies A...
PSB21553E INFINEON-PSB21553E Datasheet
198Kb / 2P
VoIP System on a Chip
More results




About Cirrus Logic


Cirrus Logic is an American company that specializes in the design and manufacture of high-precision analog and mixed-signal integrated circuits (ICs).
The company was founded in 1984 and is headquartered in Austin, Texas, USA.
Cirrus Logic offers a wide range of products including audio converters, audio codecs, digital signal processors, and other analog and mixed-signal ICs.
The company's products are used in various applications such as consumer electronics, automotive audio systems, and professional audio equipment.
Cirrus Logic is known for its expertise in analog and mixed-signal technology, high-quality products, and innovation in the field of audio and voice processing.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com