Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG2535E Datasheet (PDF) - Vishay Siliconix

DG2535E Datasheet PDF - Vishay Siliconix
Part # DG2535E
Download  DG2535E Download
File Size   167.99 Kbytes
Page   10 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 0.3 Ω, Low Voltage Dual SPDT Analog Switches

DG2535E Datasheet (PDF)

Go To PDF Page Download Datasheet
DG2535E Datasheet PDF - Vishay Siliconix

Part # DG2535E
Download  DG2535E Click to download

File Size   167.99 Kbytes
Page   10 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 0.3 Ω, Low Voltage Dual SPDT Analog Switches

DG2535E Datasheet (HTML) - Vishay Siliconix


DG2535E Product details

DESCRIPTION
The DG2535E and DG2733E are low voltage, low on-resistance, dual single-pole/double-throw (SPDT) monolithic CMOS analog switches designed for high performance switching of analog signals. Combining low-power, high speed, low on-resistance, and small package size, the DG2535E and DG2733E are ideal for portable and battery powered applications.

FEATURES
• 1.65 V to 5.5 V single power operation
• 0.3 Ω typ. switch on resistance at V+ = 5 V
• Fast switching: tON = 55 ns at 2.7 V, tOFF = 15 ns at 2.7 V
• Latch-up current > 400 mA (JESD78)
• Material categorization: for definitions of compliance please see www.vishay.com/doc?99912

BENEFITS
• Low switch resistance
• Low voltage logic compatible
• Wide operation voltage range
• Fast switching time

APPLICATIONS
• Audio and video signal routing
• Battery operated systems
• Relay replacement
• Automatic test equipment
• Process control and automation
• Data acquisition systems
• Meters and instruments
• Medical and healthcare systems
• PCMCIA cards
• Communication systems




Similar Part No. - DG2535E

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2535 VISHAY-DG2535 Datasheet
72Kb / 5P
0.35 OHM Low-Voltage Dual SPDT Analog Switch
01-Nov-04
DG2535 VISHAY-DG2535 Datasheet
108Kb / 7P
0.35-Ω Low-Voltage Dual SPDT Analog Switch
14-May-07
DG2535DN-T1-E3 VISHAY-DG2535DN-T1-E3 Datasheet
72Kb / 5P
0.35 OHM Low-Voltage Dual SPDT Analog Switch
01-Nov-04
DG2535DN-T1-E4 VISHAY-DG2535DN-T1-E4 Datasheet
72Kb / 5P
0.35 OHM Low-Voltage Dual SPDT Analog Switch
01-Nov-04
DG2535DN-T1-E4 VISHAY-DG2535DN-T1-E4 Datasheet
108Kb / 7P
0.35-Ω Low-Voltage Dual SPDT Analog Switch
14-May-07
More results


Similar Description - DG2535E

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2531 VISHAY-DG2531_08 Datasheet
108Kb / 8P
0.4-Ω Low-Voltage Dual SPDT Analog Switch
14-May-07
DG2535 VISHAY-DG2535_08 Datasheet
108Kb / 7P
0.35-Ω Low-Voltage Dual SPDT Analog Switch
14-May-07
DG2731 VISHAY-DG2731 Datasheet
153Kb / 9P
Low Voltage, 0.4 Ω, Dual SPDT Analog Switch
12-Sep-05
DG3516 VISHAY-DG3516 Datasheet
127Kb / 10P
300-MHz, 2.5-Ω, Dual SPDT Analog Switches
30-Apr-07
DG3535 VISHAY-DG3535_08 Datasheet
123Kb / 9P
0.25-Ω Low-Voltage Dual SPDT Analog Switch
30-Apr-07
DG2035 VISHAY-DG2035 Datasheet
81Kb / 7P
Low-Voltage, 1-Ω, Dual SPDT Analog Switch
21-Jun-04
logo
Monolithic Power System...
MP2735 MPS-MP2735 Datasheet
469Kb / 10P
Low-Voltage 0.45ohm Dual SPDT Analog Switches
EV2735DQG-00A MPS-EV2735DQG-00A Datasheet
173Kb / 4P
Low-Voltage 0.45ohm Dual SPDT Analog Switches
EVQ2735GG-00A MPS-EVQ2735GG-00A Datasheet
438Kb / 4P
Low-Voltage 0.45ohm Dual SPDT Analog Switches
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com