Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG2731 Datasheet (PDF) - Vishay Siliconix

DG2731 Datasheet PDF - Vishay Siliconix
Part # DG2731
Download  DG2731 Download
File Size   153.58 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Low Voltage, 0.4 Ω, Dual SPDT Analog Switch

DG2731 Datasheet (PDF)

Go To PDF Page Download Datasheet
DG2731 Datasheet PDF - Vishay Siliconix

Part # DG2731
Download  DG2731 Click to download

File Size   153.58 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Low Voltage, 0.4 Ω, Dual SPDT Analog Switch

DG2731 Datasheet (HTML) - Vishay Siliconix


DG2731 Product details

DESCRIPTION
The DG2731/2732/2733 are low voltage, low on-resistance, dual single-pole/double-throw (SPDT) monolithic CMOS analog switches designed for high performance switching of analog signals. Combining low-power, high speed, low on-resistance, and small package size, the DG2731/2732/2733 are ideal for portable and battery power applications.

FEATURES
• Low Voltage Operation (1.65 V to 4.3 V)
• Low On-Resistance - rON: 0.3 Ω@ 3.6 V
• Fast Switching: TON = 50 ns @ 4.3 V
• TOFF = 14 ns @ 4.3 V
• Latch-Up Current > 300 mA (JESD78)

BENEFITS
• Reduced Power Consumption
• High Accuracy
• Reduce Board Space
• TTL/1.6-V Logic Compatible

APPLICATIONS
• Cellular Phones
• Speaker Headset Switching
• Audio and Video Signal Routing
• PCMCIA Cards
• Battery Operated Systems




Similar Part No. - DG2731

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2730 VISHAY-DG2730 Datasheet
179Kb / 9P
2 Port, USB 2.0 High Speed (480 Mbps) Switch, DPDT Analog Switch
05-Sep-11
DG2730 VISHAY-DG2730 Datasheet
162Kb / 10P
2 Port, USB 2.0 High Speed (480 Mbps) Switch, DPDT Analog Switch
23-Jan-17
DG2730DN-T1-GE4 VISHAY-DG2730DN-T1-GE4 Datasheet
179Kb / 9P
2 Port, USB 2.0 High Speed (480 Mbps) Switch, DPDT Analog Switch
05-Sep-11
DG2730DN-T1-GE4 VISHAY-DG2730DN-T1-GE4 Datasheet
162Kb / 10P
2 Port, USB 2.0 High Speed (480 Mbps) Switch, DPDT Analog Switch
23-Jan-17
logo
TECH PUBLIC Electronics...
DG2730DN-TP TECHPUBLIC-DG2730DN-TP Datasheet
3Mb / 7P
High Speed USB 2.0 (480Mbps) DPDT Analog Switch
More results


Similar Description - DG2731

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSA5157 FAIRCHILD-FSA5157 Datasheet
363Kb / 11P
0.4-ohm Low Voltage SPDT Analog Switch
logo
Vishay Siliconix
DG2531 VISHAY-DG2531 Datasheet
119Kb / 8P
0.4-ohm Low-Voltage Dual SPDT Analog Switch
16-Jan-06
logo
Fairchild Semiconductor
FSA5157 FAIRCHILD-FSA5157_07 Datasheet
479Kb / 14P
0.4廓 Low Voltage SPDT Analog Switch
logo
Vishay Siliconix
DG2531 VISHAY-DG2531_08 Datasheet
108Kb / 8P
0.4-Ω Low-Voltage Dual SPDT Analog Switch
14-May-07
DG2535 VISHAY-DG2535_08 Datasheet
108Kb / 7P
0.35-Ω Low-Voltage Dual SPDT Analog Switch
14-May-07
DG2717 VISHAY-DG2717 Datasheet
124Kb / 8P
Low-Voltage, 0.45-Ω, SPDT Analog Switch
30-Apr-07
DG2747 VISHAY-DG2747 Datasheet
153Kb / 8P
0.4-Ω, Low Voltage, Dual SPST Analog Switch
21-Apr-08
DG3535 VISHAY-DG3535_08 Datasheet
123Kb / 9P
0.25-Ω Low-Voltage Dual SPDT Analog Switch
30-Apr-07
DG2035 VISHAY-DG2035 Datasheet
81Kb / 7P
Low-Voltage, 1-Ω, Dual SPDT Analog Switch
21-Jun-04
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com