Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG2591 Datasheet (PDF) - Vishay Siliconix

DG2591 Datasheet PDF - Vishay Siliconix
Part # DG2591
Download  DG2591 Download
File Size   161.5 Kbytes
Page   12 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Audio Jack Detector and Pop Noise Control Switch

DG2591 Datasheet (PDF)

Go To PDF Page Download Datasheet
DG2591 Datasheet PDF - Vishay Siliconix

Part # DG2591
Download  DG2591 Click to download

File Size   161.5 Kbytes
Page   12 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Audio Jack Detector and Pop Noise Control Switch

DG2591 Datasheet (HTML) - Vishay Siliconix


DG2591 Product details

• Operates with 1.8 V ± 5 %
• Low quiescent current of 2 μA/max.
• Integrated sense comparator for audio L of
1.4 V ± 5 % threshold
• 1 Ω/max. MIC bias switch provides a quick
discharge and clamping
• (Integrated deglitch circuit)
• ESD Protected
- Human body model > 5 kV
- Charged device model > 1 kV
- IEC 61000-4-2 air discharge > 15 kV
- IEC 61000-4-2 contact discharge > 8 kV
• Ultra compact miniQFN6 of 1 mm x 1.2 mm




Similar Part No. - DG2591

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2592 VISHAY-DG2592 Datasheet
187Kb / 13P
Audio Jack Detector with Send / End Detect
30-Nov-15
DG2592 VISHAY-DG2592 Datasheet
188Kb / 13P
Audio Jack Detector with Send / End Detect
Rev. D, 30-Nov-15
DG2592DN-T1-GE4 VISHAY-DG2592DN-T1-GE4 Datasheet
187Kb / 13P
Audio Jack Detector with Send / End Detect
30-Nov-15
DG2592DN-T1-GE4 VISHAY-DG2592DN-T1-GE4 Datasheet
188Kb / 13P
Audio Jack Detector with Send / End Detect
Rev. D, 30-Nov-15
DG2592DN1-T1-GE4 VISHAY-DG2592DN1-T1-GE4 Datasheet
187Kb / 13P
Audio Jack Detector with Send / End Detect
30-Nov-15
More results


Similar Description - DG2591

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFP4228PBF IRF-IRFP4228PBF Datasheet
672Kb / 8P
pop switch
logo
Maxim Integrated Produc...
MAX9892 MAXIM-MAX9892 Datasheet
202Kb / 9P
Shunt Mode Audio Click-and-Pop Eliminator
Rev 0; 10/08
logo
Intersil Corporation
ISL54409 INTERSIL-ISL54409 Datasheet
387Kb / 13P
Audio/USB 2.0 Wired-OR Switch with Click and Pop Reduction
logo
Fairchild Semiconductor
FSA8008A FAIRCHILD-FSA8008A Datasheet
641Kb / 3P
Audio Jack Detection and Configuration Switch
logo
Protek Devices
PA4220 PROTEC-PA4220 Datasheet
198Kb / 7P
Pop-Up and Shutdown Noise Suppressor
logo
Intersil Corporation
ISL54409IRTZ-T INTERSIL-ISL54409IRTZ-T Datasheet
376Kb / 13P
Audio/USB 2.0 Wired-OR Switch with Click and Pop Reduction
January 14, 2010
logo
MOSA ELECTRONICS
MS6272 MOSA-MS6272 Datasheet
1Mb / 19P
Good PSRR and low pop noise
logo
Anpec Electronics Corop...
APA2192 ANPEC-APA2192 Datasheet
246Kb / 14P
Shut Mode Audio Click-and-Pop Eliminator
logo
ON Semiconductor
FSA8008A ONSEMI-FSA8008A Datasheet
144Kb / 8P
Audio Jack Detection and Configuration Switch
December, 2017 ??Rev. 2
logo
Diodes Incorporated
AZV5002 DIODES-AZV5002 Datasheet
1Mb / 15P
Low Power Audio Jack Detector
Rev 1
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com