Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG2592 Datasheet (PDF) - Vishay Siliconix

DG2592 Datasheet PDF - Vishay Siliconix
Part # DG2592
Download  DG2592 Download
File Size   188.39 Kbytes
Page   13 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Audio Jack Detector with Send / End Detect

DG2592 Datasheet (PDF)

Go To PDF Page Download Datasheet
DG2592 Datasheet PDF - Vishay Siliconix

Part # DG2592
Download  DG2592 Click to download

File Size   188.39 Kbytes
Page   13 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Audio Jack Detector with Send / End Detect

DG2592 Datasheet (HTML) - Vishay Siliconix


DG2592 Product details

FEATURES
• Wide operating voltage range: 1.6 V to 5.5 V
• Low quiescent current of 10 μA, max. at
VDD = 1.8 V
• Integrated sense comparator for audio L of
1.4 V ± 5 % threshold
• 1.2 Ω/max. MIC bias switch provides quick discharge and
clamping
• ESD Protected
- Human body model > 8 kV
- Charged device model > 2 kV
- IEC 61000-4-2 air discharge > 15 kV
- IEC 61000-4-2 contact discharge > 8 kV
• Ultra thin and compact miniQFN10 and UTDFN10
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912

APPLICATIONS
• Cellular phones
• Tablet devices
• Portable media players
• Digital cameras

DESCRIPTION
The DG2592 is an audio jack detector and pop noise control
switch IC. It integrates the circuits necessary to detect the
presence of a stereo headset with a microphone and send /
end control button.
When there is no ear phone detected, the DG2592 connects
the microphone bias line to ground through the MIC pin. The
DG2592 also gives a logic high signal to the baseband
controller through the DET pin.
The DG2592 senses the DC levels at both L_Detect and
GND_Detect. When an ear phone is plugged in, the voltage
at both pins will go low. The DG2592 will indicate the
presence of the ear phone by pulling DET low and the MIC
switch will turn off.
The DG2592 is available in small miniQFN10 of
1.4 mm x 1.8 mm x 0.55 mm and ultra thin UTMQFN10 of
0.35 mm thickness.




Similar Part No. - DG2592

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2592 VISHAY-DG2592 Datasheet
187Kb / 13P
Audio Jack Detector with Send / End Detect
30-Nov-15
DG2592DN-T1-GE4 VISHAY-DG2592DN-T1-GE4 Datasheet
187Kb / 13P
Audio Jack Detector with Send / End Detect
30-Nov-15
DG2592DN1-T1-GE4 VISHAY-DG2592DN1-T1-GE4 Datasheet
187Kb / 13P
Audio Jack Detector with Send / End Detect
30-Nov-15
More results


Similar Description - DG2592

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA7205 SANYO-LA7205 Datasheet
126Kb / 1P
VTR TAPE END DETECTOR
logo
Maxim Integrated Produc...
MAX14627 MAXIM-MAX14627 Datasheet
2Mb / 16P
Low-Power Headset Detectors with SEND/END Button Support
Rev 0; 5/12
logo
Fairchild Semiconductor
FSA8009 FAIRCHILD-FSA8009 Datasheet
476Kb / 3P
Audio Jack Send / End Detection with MIC / Video Switch
FSA8029 FAIRCHILD-FSA8029 Datasheet
478Kb / 3P
Audio Jack Send / End Detection with MIC / Video Switch
FSA8108 FAIRCHILD-FSA8108 Datasheet
753Kb / 5P
Audio Jack Detection and Configuration Switch, Supports Volume Up/Down & Send/End Keys
logo
Dialog Semiconductor
DA7219 DIALOG-DA7219 Datasheet
2Mb / 123P
Audio codec with Advanced Accessory Detect
logo
Vishay Siliconix
DG2592 VISHAY-DG2592 Datasheet
187Kb / 13P
Audio Jack Detector with Send / End Detect
30-Nov-15
DG2591 VISHAY-DG2591 Datasheet
161Kb / 12P
Audio Jack Detector and Pop Noise Control Switch
13-Oct-14
logo
Diodes Incorporated
AZV5002 DIODES-AZV5002 Datasheet
1Mb / 15P
Low Power Audio Jack Detector
Rev 1
logo
Renesas Technology Corp
DA7219 RENESAS-DA7219 Datasheet
1Mb / 129P
Audio Codec with Advanced Accessory Detect
24-Dec-2021
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com