Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CV110-1 Datasheet (PDF) - List of Unclassifed Manufacturers

CV110-1 Datasheet PDF - List of Unclassifed Manufacturers
Part # CV110-1
Download  CV110-1 Download
File Size   217.84 Kbytes
Page   3 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Cellular-band Single-Branch Downconverter

CV110-1 Datasheet (PDF)

Go To PDF Page Download Datasheet
CV110-1 Datasheet PDF - List of Unclassifed Manufacturers

Part # CV110-1
Download  CV110-1 Click to download

File Size   217.84 Kbytes
Page   3 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Cellular-band Single-Branch Downconverter

CV110-1 Datasheet (HTML) - List of Unclassifed Manufacturers


CV110-1 Product details

[WJ]

Product Description
The CV110-1 is a high-linearity downconverter designed to meet the performance, functionality, and cost goals of current and next generation mobile infrastructure basestations.

Product Features
• High dynamic range downconverter with integrated LO driver and IF amplifiers
• +27 dBm Input IP3
• +12 dBm Input P1dB
• 11.5 dB Noise Figure
• RF: 806 - 915 MHz
• IF: 70 - 120 MHz
• Low-side LO downconverter
• Single supply operation (+5 V)
• 6 x 6 mm QFN SMT package




Similar Part No. - CV110-1

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
CV110-1A WJCI-CV110-1A Datasheet
244Kb / 4P
Cellular-band High Linearity Downconverter
CV110-1A WJCI-CV110-1A Datasheet
281Kb / 4P
Cellular-band High Linearity Downconverter
CV110-1AF WJCI-CV110-1AF Datasheet
244Kb / 4P
Cellular-band High Linearity Downconverter
CV110-1AF WJCI-CV110-1AF Datasheet
281Kb / 4P
Cellular-band High Linearity Downconverter
CV110-1APCB75 WJCI-CV110-1APCB75 Datasheet
244Kb / 4P
Cellular-band High Linearity Downconverter
More results


Similar Description - CV110-1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CV210-1 ETC-CV210-1 Datasheet
228Kb / 3P
Cellular-band Dual-Branch Downconverter
CV211-2 ETC1-CV211-2 Datasheet
430Kb / 7P
UMTS-band Dual-Branch Downconverter
CV211-3 ETC1-CV211-3 Datasheet
391Kb / 7P
UMTS-band Dual-Branch Downconverter
logo
WJ Communication. Inc.
CV210-1A WJCI-CV210-1A Datasheet
311Kb / 6P
Cellular-band Dual-Branch Downconverter
CV210-2A WJCI-CV210-2A Datasheet
318Kb / 6P
Cellular-band Dual-Branch Downconverter
CV210-3A WJCI-CV210-3A Datasheet
308Kb / 6P
Cellular-band Dual-Branch Downconverter
CV211-1A WJCI-CV211-1A Datasheet
313Kb / 6P
PCS/DCS-band Dual-Branch Downconverter
CV211-2A WJCI-CV211-2A Datasheet
397Kb / 9P
UMTS-band Dual-Branch Downconverter
CV110-1A WJCI-CV110-1A_07 Datasheet
281Kb / 4P
Cellular-band High Linearity Downconverter
CV211-2A WJCI-CV211-2A_07 Datasheet
399Kb / 9P
UMTS/WiMax-band Dual-Branch Downconverter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com