Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CV211-2 Datasheet (PDF) - List of Unclassifed Manufacturers

CV211-2 Datasheet PDF - List of Unclassifed Manufacturers
Part # CV211-2
Download  CV211-2 Download
File Size   430.31 Kbytes
Page   7 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description UMTS-band Dual-Branch Downconverter

CV211-2 Datasheet (PDF)

Go To PDF Page Download Datasheet
CV211-2 Datasheet PDF - List of Unclassifed Manufacturers

Part # CV211-2
Download  CV211-2 Click to download

File Size   430.31 Kbytes
Page   7 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description UMTS-band Dual-Branch Downconverter

CV211-2 Datasheet (HTML) - List of Unclassifed Manufacturers


CV211-2 Product details

[WJ]

Product Description
The CV211-2 is a dual-channel high-linearity downconverter designed to meet the demanding performance, functionality, and cost goals of current and next generation mobile infrastructure basestations. It provides high dynamic range performance in a low profile surface-mount leadless package that measures 6 x 6 mm square.

Product Features
• High dynamic range downconverter with integrated LO and IF amplifiers
• Dual channels for diversity
• +30 dBm Input IP3
• +12.5 dBm Input P1dB
• RF: 1900 – 2200 MHz
• IF: 150 – 300 MHz
• Single supply operation (+5 V)
• Pb-free 6mm 28-pin QFN package
• Low-side LO configuration
• Common footprint with other PCS/UMTS/cellular versions




Similar Part No. - CV211-2

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
CV211-2A WJCI-CV211-2A Datasheet
397Kb / 9P
UMTS-band Dual-Branch Downconverter
CV211-2A WJCI-CV211-2A Datasheet
399Kb / 9P
UMTS/WiMax-band Dual-Branch Downconverter
CV211-2AF WJCI-CV211-2AF Datasheet
397Kb / 9P
UMTS-band Dual-Branch Downconverter
CV211-2AF WJCI-CV211-2AF Datasheet
399Kb / 9P
UMTS/WiMax-band Dual-Branch Downconverter
CV211-2APCB240 WJCI-CV211-2APCB240 Datasheet
397Kb / 9P
UMTS-band Dual-Branch Downconverter
More results


Similar Description - CV211-2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CV110-1 ETC-CV110-1 Datasheet
217Kb / 3P
Cellular-band Single-Branch Downconverter
CV210-1 ETC-CV210-1 Datasheet
228Kb / 3P
Cellular-band Dual-Branch Downconverter
CV211-3 ETC1-CV211-3 Datasheet
391Kb / 7P
UMTS-band Dual-Branch Downconverter
logo
WJ Communication. Inc.
CV111-3A WJCI-CV111-3A Datasheet
271Kb / 5P
UMTS-band High Linearity Downconverter
CV210-1A WJCI-CV210-1A Datasheet
311Kb / 6P
Cellular-band Dual-Branch Downconverter
CV210-2A WJCI-CV210-2A Datasheet
318Kb / 6P
Cellular-band Dual-Branch Downconverter
CV210-3A WJCI-CV210-3A Datasheet
308Kb / 6P
Cellular-band Dual-Branch Downconverter
CV211-1A WJCI-CV211-1A Datasheet
313Kb / 6P
PCS/DCS-band Dual-Branch Downconverter
CV211-2A WJCI-CV211-2A Datasheet
397Kb / 9P
UMTS-band Dual-Branch Downconverter
CV211-2A WJCI-CV211-2A_07 Datasheet
399Kb / 9P
UMTS/WiMax-band Dual-Branch Downconverter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com