Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIC431 Datasheet (PDF) - Vishay Siliconix

SIC431 Datasheet PDF - Vishay Siliconix
Part # SIC431
Download  SIC431 Download
File Size   809.74 Kbytes
Page   24 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Synchronous Buck Regulator 24 V Input, 24 A (SiC431)

SIC431 Datasheet (PDF)

Go To PDF Page Download Datasheet
SIC431 Datasheet PDF - Vishay Siliconix

Part # SIC431
Download  SIC431 Click to download

File Size   809.74 Kbytes
Page   24 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Synchronous Buck Regulator 24 V Input, 24 A (SiC431)

SIC431 Datasheet (HTML) - Vishay Siliconix


SIC431 Product details

• Versatile
- Operation from 3 V to 24 V input voltage
- Adjustable output voltage down to 0.6 V
- Scalable solution 8 A (SiC438), 12 A (SiC437),
and 24 A (SiC431)
- Output voltage tracking and sequencing with
pre-bias start up
- ± 1 % output voltage accuracy from -40 °C to +125 °C
• Highly efficient
- 97 % peak efficiency
- 1 μA supply current at shutdown
- 50 μA operating current, not switching
• Highly configurable
- Four programmable switching frequencies available:
300 kHz, 500 kHz, 750 kHz, and 1 MHz
- Adjustable soft start and adjustable current limit
- Three modes of operation: forced continuous
conduction, power save (SiC431B, SiC431D), or
ultrasonic (SiC431A, SiC431C)
• Robust and reliable
- Cycle-by-cycle current limit
- Output overvoltage protection
- Output undervoltage / short circuit protection with auto
retry
- Power good flag and over temperature protection




Similar Part No. - SIC431

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIC431 VISHAY-SIC431 Datasheet
2Mb / 23P
3 V to 24 V Input, 24 A microBUCK® DC/DC Converter
27-Aug-2018
SIC431AED-T1-GE3 VISHAY-SIC431AED-T1-GE3 Datasheet
2Mb / 23P
3 V to 24 V Input, 24 A microBUCK® DC/DC Converter
27-Aug-2018
SIC431BED-T1-GE3 VISHAY-SIC431BED-T1-GE3 Datasheet
2Mb / 23P
3 V to 24 V Input, 24 A microBUCK® DC/DC Converter
27-Aug-2018
SIC431CED-T1-GE3 VISHAY-SIC431CED-T1-GE3 Datasheet
2Mb / 23P
3 V to 24 V Input, 24 A microBUCK® DC/DC Converter
27-Aug-2018
SIC431DED-T1-GE3 VISHAY-SIC431DED-T1-GE3 Datasheet
2Mb / 23P
3 V to 24 V Input, 24 A microBUCK® DC/DC Converter
27-Aug-2018
More results


Similar Description - SIC431

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN21SV04 FAIRCHILD-FAN21SV04_12 Datasheet
863Kb / 18P
TinyBuck??4 A, 24 V Single-Input Integrated Synchronous Buck Regulator
FAN2103 FAIRCHILD-FAN2103_12 Datasheet
1Mb / 14P
3 A, 24 V Input, Integrated Synchronous Buck Regulator
FAN2106 FAIRCHILD-FAN2106_12 Datasheet
811Kb / 15P
TinyBuck??3-24 V Input, 6 A, High-Efficiency, Integrated Synchronous Buck Regulator
FAN2108 FAIRCHILD-FAN2108_12 Datasheet
759Kb / 14P
TinyBuck??3-24 V Input, 8 A, High-Efficiency, Integrated Synchronous Buck Regulator
FAN2110 FAIRCHILD-FAN2110_12 Datasheet
1Mb / 18P
TinyBuck?? 3-24 V Input, 10 A, High- Efficiency, Integrated Synchronous Buck Regulator
logo
Vishay Siliconix
SIC462 VISHAY-SIC462 Datasheet
1Mb / 23P
4.5 V to 60 V Input, 6 A Synchronous Buck Regulator
13-Mar-17
SIP12109 VISHAY-SIP12109 Datasheet
317Kb / 17P
4 A, 4.5 V to 15 V Input Synchronous Buck Regulator
16-Dec-13
SIP12110 VISHAY-SIP12110 Datasheet
374Kb / 16P
6 A, 4.5 V to 15 V Input Synchronous Buck Regulator
15-Sep-14
SIP12108 VISHAY-SIP12108_V01 Datasheet
1Mb / 17P
2.8 V to 5.5 V Input 5 A Synchronous Buck Regulator
29-Jun-2020
SIP12109 VISHAY-SIP12109_V01 Datasheet
328Kb / 16P
4 A, 4.5 V to 15 V Input Synchronous Buck Regulator
29-Jun-2020
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com