Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIC431 Datasheet (PDF) - Vishay Siliconix

SIC431 Datasheet PDF - Vishay Siliconix
Part # SIC431
Download  SIC431 Download
File Size   2114.56 Kbytes
Page   23 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 3 V to 24 V Input, 24 A microBUCK® DC/DC Converter

SIC431 Datasheet (PDF)

Go To PDF Page Download Datasheet
SIC431 Datasheet PDF - Vishay Siliconix

Part # SIC431
Download  SIC431 Click to download

File Size   2114.56 Kbytes
Page   23 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 3 V to 24 V Input, 24 A microBUCK® DC/DC Converter

SIC431 Datasheet (HTML) - Vishay Siliconix


SIC431 Product details

• Versatile
- Operation from 3 V to 24 V input voltage
- Adjustable output voltage down to 0.6 V
- Scalable solution 8 A (SiC438), 12 A (SiC437),
and 24 A (SiC431)
- Output voltage tracking and sequencing with
pre-bias start up
- ± 1 % output voltage accuracy from -40 °C to +125 °C
• Highly efficient
- 97 % peak efficiency
- 1 μA supply current at shutdown
- 50 μA operating current, not switching
• Highly configurable
- Four programmable switching frequencies available:
300 kHz, 500 kHz, 750 kHz, and 1 MHz
- Adjustable soft start and adjustable current limit
- Three modes of operation: forced continuous
conduction, power save (SiC431B, SiC431D), or
ultrasonic (SiC431A, SiC431C)
• Robust and reliable
- Cycle-by-cycle current limit
- Output overvoltage protection
- Output undervoltage / short circuit protection with auto
retry
- Power good flag and over temperature protection




Similar Part No. - SIC431

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIC431 VISHAY-SIC431 Datasheet
809Kb / 24P
Synchronous Buck Regulator 24 V Input, 24 A (SiC431)
12-Feb-18
SIC431AED-T1-GE3 VISHAY-SIC431AED-T1-GE3 Datasheet
809Kb / 24P
Synchronous Buck Regulator 24 V Input, 24 A (SiC431)
12-Feb-18
SIC431BED-T1-GE3 VISHAY-SIC431BED-T1-GE3 Datasheet
809Kb / 24P
Synchronous Buck Regulator 24 V Input, 24 A (SiC431)
12-Feb-18
SIC431CED-T1-GE3 VISHAY-SIC431CED-T1-GE3 Datasheet
809Kb / 24P
Synchronous Buck Regulator 24 V Input, 24 A (SiC431)
12-Feb-18
SIC431DED-T1-GE3 VISHAY-SIC431DED-T1-GE3 Datasheet
809Kb / 24P
Synchronous Buck Regulator 24 V Input, 24 A (SiC431)
12-Feb-18
More results


Similar Description - SIC431

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT4500 TI-PT4500 Datasheet
193Kb / 8P
20-W 24-V Input Isolated DC/DC Converter
PT4582 TI-PT4582 Datasheet
181Kb / 9P
30-W 24/48-V Input Isolated DC/DC Converter
PT4681 TI-PT4681 Datasheet
290Kb / 13P
20-A 24-V Input Dual Output Isolated DC/DC Converter
PT4140 TI-PT4140 Datasheet
176Kb / 9P
20-W 24-V Input Isolated DC/DC Converter
logo
Bel Fuse Inc.
X7AH-03L1A0 BEL-X7AH-03L1A0 Datasheet
142Kb / 6P
NON-ISOLATED DC/DC CONVERTERS 5 V-24 V Input 0.9 V-3.3 V/3 A Output
logo
Texas Instruments
PT4680 TI1-PT4680 Datasheet
286Kb / 15P
20-A 24-V Input Dual Output Isolated DC/DC Converter
logo
Vicor Corporation
V24A24M400BG VICOR-V24A24M400BG Datasheet
784Kb / 13P
Maxi Family 24 V Input DC-DC Converter Module
logo
PHOENIX CONTACT
105538 PHOENIX-105538 Datasheet
466Kb / 21P
DC/DC converter with SFB technology, dip-coated, primary-switched, input: 24 V DC, output: 24 V DC, output current: 10 A
2014-02-13
105539 PHOENIX-105539 Datasheet
562Kb / 21P
DC/DC converter with SFB technology, dip-coated, primary-switched, input: 24 V DC, output: 24 V DC, output current: 20 A
2014-02-13
105537 PHOENIX-105537 Datasheet
399Kb / 21P
DC/DC converter with SFB technology, dip-coated, primary-switched, input: 24 V DC, output: 24 V DC, output current: 5 A
2014-02-13
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com