Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIC437 Datasheet (PDF) - Vishay Siliconix

SIC437 Datasheet PDF - Vishay Siliconix
Part # SIC437
Download  SIC437 Download
File Size   2516.47 Kbytes
Page   25 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Synchronous Buck Regulators 28 V Input, 12 A (SiC437) and 8 A (SiC438)

SIC437 Datasheet (PDF)

Go To PDF Page Download Datasheet
SIC437 Datasheet PDF - Vishay Siliconix

Part # SIC437
Download  SIC437 Click to download

File Size   2516.47 Kbytes
Page   25 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Synchronous Buck Regulators 28 V Input, 12 A (SiC437) and 8 A (SiC438)

SIC437 Datasheet (HTML) - Vishay Siliconix


SIC437 Product details

• Versatile
- Operation from 3 V to 28 V input voltage
(4.5 V to 28 V using single supply)
- Adjustable output voltage down to 0.6 V
- Scalable solution 8 A (SiC438), 12 A (SiC437),
and 24 A (SiC431)
- Output voltage tracking and sequencing with
pre-bias start up
- ± 1 % output voltage accuracy at -40 °C to +125 °C
• Highly efficient
- 97 % peak efficiency
- 1 μA supply current at shutdown
- 50 μA operating current not switching
• Highly configurable
- Four programmable switching frequencies available:
300 kHz, 500 kHz, 750 kHz, and 1 MHz
- Adjustable soft start (4.5 ms / 9 ms) and adjustable
current limit
- Three modes of operation
- Forced continuous conduction, power save (SiC43xB),
or ultrasonic (SiC43xA)
• Robust and reliable
- Cycle-by-cycle current limit
- Output overvoltage protection
- Output undervoltage / short circuit protection with auto
retry
- Power good flag and over temperature protection




Similar Part No. - SIC437

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIC437 VISHAY-SIC437 Datasheet
2Mb / 27P
3 V to 28 V Input, 8 A, 12 A microBUCK® DC/DC Converter
27-Aug-2020
SIC437AED-T1-GE3 VISHAY-SIC437AED-T1-GE3 Datasheet
2Mb / 27P
3 V to 28 V Input, 8 A, 12 A microBUCK® DC/DC Converter
27-Aug-2020
SIC437BED-T1-GE3 VISHAY-SIC437BED-T1-GE3 Datasheet
2Mb / 27P
3 V to 28 V Input, 8 A, 12 A microBUCK® DC/DC Converter
27-Aug-2020
SIC437CED-T1-GE3 VISHAY-SIC437CED-T1-GE3 Datasheet
2Mb / 27P
3 V to 28 V Input, 8 A, 12 A microBUCK® DC/DC Converter
27-Aug-2020
SIC437DED-T1-GE3 VISHAY-SIC437DED-T1-GE3 Datasheet
2Mb / 27P
3 V to 28 V Input, 8 A, 12 A microBUCK® DC/DC Converter
27-Aug-2020
More results


Similar Description - SIC437

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIC46X VISHAY-SIC46X Datasheet
1Mb / 29P
4.5 V to 60 V Input, 2 A, 4 A, 6 A, 10 A Synchronous Buck Regulators
16-Apr-18
logo
Texas Instruments
TPS56637 TI1-TPS56637 Datasheet
858Kb / 27P
4.5-V to 28-V Input, 6-A Synchronous Buck Converter
TPS56637 TI1-TPS56637_18 Datasheet
1Mb / 30P
4.5-V to 28-V Input, 6-A Synchronous Buck Converter
TPS56637 TI1-TPS56637_19 Datasheet
1Mb / 30P
4.5-V to 28-V Input, 6-A Synchronous Buck Converter
TPS56637_1904 TI1-TPS56637_1904 Datasheet
1Mb / 30P
4.5-V to 28-V Input, 6-A Synchronous Buck Converter
TPS56637 TI1-TPS56637_V01 Datasheet
1Mb / 30P
TPS56637 4.5-V to 28-V Input, 6-A Synchronous Buck Converter
logo
Alpha & Omega Semicondu...
AOZ1269AQI AOSMD-AOZ1269AQI Datasheet
1Mb / 15P
28 V/12 A Synchronous EZBuckTM Regulator
Rev. 1.0 May 2021
logo
Texas Instruments
TPS56837 TI-TPS56837 Datasheet
2Mb / 33P
TPS56837 4.5-V to 28-V Input, 8-A Synchronous Buck Converter
MARCH 2023
TPS56837 TI-TPS56837_V01 Datasheet
1Mb / 32P
TPS56837 4.5-V to 28-V Input, 8-A Synchronous Buck Converter
REVISED OCTOBER 2023
TPSM86838 TI-TPSM86838 Datasheet
1Mb / 31P
TPSM86838 4.5-V to 28-V Input, 8-A Synchronous Buck Power Module
OCTOBER 2023
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com