Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIC437 Datasheet (PDF) - Vishay Siliconix

SIC437 Datasheet PDF - Vishay Siliconix
Part # SIC437
Download  SIC437 Download
File Size   2318.34 Kbytes
Page   27 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 3 V to 28 V Input, 8 A, 12 A microBUCK® DC/DC Converter

SIC437 Datasheet (PDF)

Go To PDF Page Download Datasheet
SIC437 Datasheet PDF - Vishay Siliconix

Part # SIC437
Download  SIC437 Click to download

File Size   2318.34 Kbytes
Page   27 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 3 V to 28 V Input, 8 A, 12 A microBUCK® DC/DC Converter

SIC437 Datasheet (HTML) - Vishay Siliconix


SIC437 Product details

• Versatile
- Operation from 3 V to 28 V input voltage
- Adjustable output voltage down to 0.6 V
- Scalable solution 8 A (SiC438), 12 A (SiC437),
and 24 A (SiC431)
- Output voltage tracking and sequencing with pre-bias
start up
- ± 1 % output voltage accuracy at -40 °C to +125 °C
• Highly efficient
- 97 % peak efficiency
- 1 μA supply current at shutdown
- 50 μA operating current not switching
• Highly configurable
- Four programmable switching frequencies available:
300 kHz, 500 kHz, 750 kHz, and 1 MHz
- Adjustable soft start and adjustable current limit
- Three modes of operation: forced continuous
conduction, power save (SiC43xB, SiC43xD), or
ultrasonic (SiC43xA, SiC43xC)
• Robust and reliable
- Cycle-by-cycle current limit
- Output overvoltage protection
- Output undervoltage / short circuit protection with auto
retry
- Power good flag and over temperature protection




Similar Part No. - SIC437

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIC437 VISHAY-SIC437 Datasheet
2Mb / 25P
Synchronous Buck Regulators 28 V Input, 12 A (SiC437) and 8 A (SiC438)
15-Jan-18
SiC437AED-T1-GE3 VISHAY-SiC437AED-T1-GE3 Datasheet
2Mb / 25P
Synchronous Buck Regulators 28 V Input, 12 A (SiC437) and 8 A (SiC438)
15-Jan-18
SiC437BED-T1-GE3 VISHAY-SiC437BED-T1-GE3 Datasheet
2Mb / 25P
Synchronous Buck Regulators 28 V Input, 12 A (SiC437) and 8 A (SiC438)
15-Jan-18
SiC437CED-T1-GE3 VISHAY-SiC437CED-T1-GE3 Datasheet
2Mb / 25P
Synchronous Buck Regulators 28 V Input, 12 A (SiC437) and 8 A (SiC438)
15-Jan-18
SiC437DED-T1-GE3 VISHAY-SiC437DED-T1-GE3 Datasheet
2Mb / 25P
Synchronous Buck Regulators 28 V Input, 12 A (SiC437) and 8 A (SiC438)
15-Jan-18
More results


Similar Description - SIC437

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54331-Q1 TI1-TPS54331-Q1 Datasheet
1Mb / 27P
3-A, 28-V INPUT, STEP-DOWN SWIFT??DC/DC CONVERTER WITH Eco-Mode?
TPS54331 TI-TPS54331_15 Datasheet
1Mb / 36P
TPS54331 3-A, 28-V Input, Step Down DC-DC Converter With Eco-mode?
TPS54335A TI-TPS54335A_15 Datasheet
1Mb / 46P
TPS5433xA 4.5- to 28-V Input, 3-A Output, Synchronous SWIFT??Step-Down DC-DC Converter
TPS54331 TI1-TPS54331_16 Datasheet
1Mb / 36P
TPS54331 3-A, 28-V Input, Step Down DC-DC Converter With Eco-mode
TPS54335-2A TI1-TPS54335-2A Datasheet
1Mb / 39P
TPS54335-2A 4.5-V to 28-V Input, 3-A Output, Synchronous Step-Down DC-DC Converter
TPS54335A TI1-TPS54335A Datasheet
1Mb / 53P
TPS5433xA 4.5-V to 28-V Input, 3-A Output, Synchronous Step-Down DC-DC Converter
logo
Vishay Siliconix
SIC431 VISHAY-SIC431_V01 Datasheet
2Mb / 23P
3 V to 24 V Input, 24 A microBUCK® DC/DC Converter
27-Aug-2018
SIC474 VISHAY-SIC474 Datasheet
779Kb / 26P
4.5 V to 55 V Input, 3 A, 5 A, 8 A, 12 A microBUCK® DC/DC Converter
04-Jul-2018
SIC479 VISHAY-SIC479 Datasheet
947Kb / 24P
4.5 V to 55 V Input, 3 A, 5 A, 8 A, 12 A microBUCK® DC/DC Converter
06-Dec-2021
SIC471 VISHAY-SIC471_V01 Datasheet
708Kb / 25P
4.5 V to 55 V Input, 3 A, 5 A, 8 A, 12 A microBUCK® DC/DC Converter
29-Nov-2021
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com