Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIC437 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SIC437
Description  3 V to 28 V Input, 8 A, 12 A microBUCK® DC/DC Converter
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIC437 Datasheet(HTML) 4 Page - Vishay Siliconix

  SIC437 Datasheet HTML 1Page - Vishay Siliconix SIC437 Datasheet HTML 2Page - Vishay Siliconix SIC437 Datasheet HTML 3Page - Vishay Siliconix SIC437 Datasheet HTML 4Page - Vishay Siliconix SIC437 Datasheet HTML 5Page - Vishay Siliconix SIC437 Datasheet HTML 6Page - Vishay Siliconix SIC437 Datasheet HTML 7Page - Vishay Siliconix SIC437 Datasheet HTML 8Page - Vishay Siliconix SIC437 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
SiC437, SiC438
www.vishay.com
Vishay Siliconix
S20-0679-Rev. D, 27-Aug-2020
4
Document Number: 75921
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ELECTRICAL SPECIFICATIONS (VIN = 12 V, VEN = 5 V, TJ = -40 °C to +125 °C, unless otherwise stated)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Power Supplies
VDD supply
VDD
VIN = 6 V to 28 V
(SiC43xA, SiC43xB)
4.75
5
5.25
V
VDD UVLO threshold, rising
VDD_UVLO
3.3
3.6
3.9
VDD UVLO hysteresis
VDD_UVLO_HYST
-300
-
mV
Maximum VDD current
IDD
VIN = 6 V to 28 V
3
-
-
mA
VDRV supply
VDRV
VIN = 6 V to 28 V
(SiC43xA, SiC43xB)
4.75
5
5.25
V
Maximum VDRV current
IDRV
VIN = 6 V to 28 V
50
-
-
mA
Input current
IVIN
Non-switching, VFB > 0.6 V
-
50
120
μA
Shutdown current
IVIN_SHDN
VEN = 0 V
-
0.5
3
Controller and Timing
Feedback voltage
VFB
TJ = 25 °C
597
600
603
m/V
TJ = -40 °C to +125 °C (1)
594
600
606
VFB input bias current
IFB
-2
-
nA
Minimum on-time
tON_MIN.
-50
65
ns
tON accuracy
tON_ACCURACY
-10
-
10
%
On-time range
tON_RANGE
65
-
2250
ns
Minimum frequency, skip mode
fSW_MIN.
Ultrasonic version (SiC43xA, SiC43xC)
20
-
30
kHz
Power save version (SiC43xB, SiC43xD)
0
-
-
Minimum off-time
tOFF_MIN.
205
250
305
ns
Power MOSFETs (SiC437)
High side on resistance
RON_HS
VDRV = 5 V, TA = 25 °C
-
10.1
-
m
Low side on resistance
RON_LS
-3.9
-
Power MOSFETs (SiC438)
High side on resistance
RON_HS
VDRV = 5 V, TA = 25 °C
-
10.1
-
m
Low side on resistance
RON_LS
-5.5
-
Fault Protections
Over current protection
(inductor valley current)
IOCL_P
TJ = -10 °C to +125 °C
-20
-
20
%
Output OVP threshold
VOVP
VFB with respect to 0.6 V reference
-20
-
Output UVP threshold
VUVP
--80
-
Over temperature protection
TOTP_RISING
Rising temperature
-
150
-
°C
TOTP_HYST
Hysteresis
-
25
-
Power Good
Power good output threshold
VFB_RISING_VTH_OV
VFB rising above 0.6 V reference
-
20
-
%
VFB_FALLING_VTH_UV
VFB falling below 0.6 V reference
-
-10
-
Power good hysteresis
VFB_HYST
-40
-
mV
Power good on resistance
RON_PGOOD
-7.5
15
Power good delay time
tDLY_PGOOD
15
25
35
μs
EN / MODE / Ultrasonic Threshold
EN logic high level
VEN_H
1.6
-
-
V
EN logic low level
VEN_L
--
0.4
EN pull down resistance
REN
-5
-
M
Switching Frequency
MODE1 (switching frequency)
RMODE1
fsw = 300 kHz
-
51
55
k
fsw = 500 kHz
90
100
110
fsw = 750 kHz
180
200
220
fsw = 1000 kHz
450
499
550



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com