Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIC437 Datasheet(PDF) 21 Page - Vishay Siliconix

Part # SIC437
Description  3 V to 28 V Input, 8 A, 12 A microBUCK® DC/DC Converter
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIC437 Datasheet(HTML) 21 Page - Vishay Siliconix

Back Button SIC437 Datasheet HTML 17Page - Vishay Siliconix SIC437 Datasheet HTML 18Page - Vishay Siliconix SIC437 Datasheet HTML 19Page - Vishay Siliconix SIC437 Datasheet HTML 20Page - Vishay Siliconix SIC437 Datasheet HTML 21Page - Vishay Siliconix SIC437 Datasheet HTML 22Page - Vishay Siliconix SIC437 Datasheet HTML 23Page - Vishay Siliconix SIC437 Datasheet HTML 24Page - Vishay Siliconix SIC437 Datasheet HTML 25Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
SiC437, SiC438
www.vishay.com
Vishay Siliconix
S20-0679-Rev. D, 27-Aug-2020
21
Document Number: 75921
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PCB LAYOUT RECOMMENDATIONS
Step 1: VIN/GND Planes and Decoupling
1. Layout VIN and PGND planes as shown above
2. Ceramic capacitors should be placed between VIN and
PGND, and very close to the device for best decoupling
effect
3. Various ceramic capacitor values and package sizes
should be used to cover entire decoupling spectrum e.g.
1210 and 0603
4. Smaller capacitance values, closer to VIN pin(s), provide
better high frequency response
Step 2: SW Plane
1. Connect output inductor to device with large plane to
lower resistance
2. If a snubber network is required, place the components
on the bottom layer as shown above
Step 3: VDD/VDRV Input Filter
1. CVDD cap should be placed between VDD and AGND to
achieve best noise filtering
2. CVDRV cap should be placed close to VDRV and PGND pins
to reduce effects of trace impedance and provide
maximum instantaneous driver current for low side
MOSFET during switching cycle
Step 4: BOOT Resistor and Capacitor Placement
1. CBOOT and RBOOT need to be placed very close to the
device, between PHASE and BOOT pins
2. In
order
to
reduce
parasitic
inductance,
it
is
recommended to use 0402 chip size for the resistor and
the capacitor
SW
VIN plane
PGND plane
PGND plane
SW
AGND
C
VDD
C
VDRV
PGND
Cboot
Rboot



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com