Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIC479 Datasheet (PDF) - Vishay Siliconix

SIC479 Datasheet PDF - Vishay Siliconix
Part # SIC479
Download  SIC479 Download
File Size   947.58 Kbytes
Page   24 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 4.5 V to 55 V Input, 3 A, 5 A, 8 A, 12 A microBUCK® DC/DC Converter

SIC479 Datasheet (PDF)

Go To PDF Page Download Datasheet
SIC479 Datasheet PDF - Vishay Siliconix

Part # SIC479
Download  SIC479 Click to download

File Size   947.58 Kbytes
Page   24 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 4.5 V to 55 V Input, 3 A, 5 A, 8 A, 12 A microBUCK® DC/DC Converter

SIC479 Datasheet (HTML) - Vishay Siliconix


SIC479 Product details

• Versatile
- Single supply operation from 4.5 V to 55 V
input voltage
- Adjustable output voltage down to 0.8 V
- Scalable solution 3 A (SiC479), 5 A (SiC478),
8 A (SiC477), 12 A (SiC476)
- Output voltage tracking and sequencing with
pre-bias start up
- ± 1 % output voltage accuracy at -40 °C to +125 °C
• Internal compensation
• Highly efficient
- 98 % peak efficiency
- 4 μA supply current at shutdown
- 156 μA operating current not switching
• Highly configurable
- Adjustable switching frequency from 100 kHz to 2 MHz
- Adjustable soft start and selectable preset 100 %, 75 %,
and 50 % current limit
- 2 modes of operation, forced continuous conduction or
power save mode
• Robust and reliable
- Output over voltage protection
- Output under voltage / short circuit protection with auto
retry
- Power good flag and over temperature protection
- Supported by Vishay PowerCAD online design
simulation




Similar Part No. - SIC479

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIC471 VISHAY-SIC471 Datasheet
708Kb / 25P
4.5 V to 55 V Input, 3 A, 5 A, 8 A, 12 A microBUCK® DC/DC Converter
29-Nov-2021
SIC471 VISHAY-SIC471 Datasheet
719Kb / 25P
4.5 V to 55 V Input, 3 A, 5 A, 8 A, 12 A microBUCK® DC/DC Converter
08-Mar-2021
SIC471ED-T1-GE3 VISHAY-SIC471ED-T1-GE3 Datasheet
779Kb / 26P
4.5 V to 55 V Input, 3 A, 5 A, 8 A, 12 A microBUCK® DC/DC Converter
04-Jul-2018
SIC471ED-T1-GE3 VISHAY-SIC471ED-T1-GE3 Datasheet
708Kb / 25P
4.5 V to 55 V Input, 3 A, 5 A, 8 A, 12 A microBUCK® DC/DC Converter
29-Nov-2021
SIC471ED-T1-GE3 VISHAY-SIC471ED-T1-GE3 Datasheet
719Kb / 25P
4.5 V to 55 V Input, 3 A, 5 A, 8 A, 12 A microBUCK® DC/DC Converter
08-Mar-2021
More results


Similar Description - SIC479

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54361 TI1-TPS54361_16 Datasheet
2Mb / 51P
4.5-V to 60-V Input, 3.5-A, Step-Down DC-DC Converter
TPS54541 TI1-TPS54541_16 Datasheet
2Mb / 52P
4.5-V to 42-V Input, 5-A Step-Down DC-DC Converter
TPS54561 TI1-TPS54561_16 Datasheet
2Mb / 53P
4.5-V to 60-V Input, 5-A, Step-Down DC-DC Converter
logo
Vishay Siliconix
SIC437 VISHAY-SIC437_V01 Datasheet
2Mb / 27P
3 V to 28 V Input, 8 A, 12 A microBUCK® DC/DC Converter
27-Aug-2020
SIC450 VISHAY-SIC450_V01 Datasheet
1Mb / 48P
4.5 V to 20 V Input, 15 A, 25 A, 40 A microBuck® DC/DC Converter With PMBus Interface
08-Mar-2021
SIC464 VISHAY-SIC464_V01 Datasheet
748Kb / 28P
4.5 V to 60 V Input, 2 A, 4 A, 6 A, 10 A microBUCK® DC/DC Converter
29-Nov-2021
SIC474 VISHAY-SIC474 Datasheet
779Kb / 26P
4.5 V to 55 V Input, 3 A, 5 A, 8 A, 12 A microBUCK® DC/DC Converter
04-Jul-2018
SIC471 VISHAY-SIC471_V01 Datasheet
708Kb / 25P
4.5 V to 55 V Input, 3 A, 5 A, 8 A, 12 A microBUCK® DC/DC Converter
29-Nov-2021
SIC466 VISHAY-SIC466 Datasheet
942Kb / 24P
4.5 V to 60 V Input, 2 A, 4 A, 6 A, 10 A microBUCK® DC/DC Converter
06-Dec-2021
SIC967 VISHAY-SIC967 Datasheet
883Kb / 20P
4.5 V to 60 V Input, 6 A, microBRICKTM DC/DC Converter
18-Jul-2022
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com