Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBTRA101SS Datasheet (PDF) - Diotec Semiconductor

MMBTRA101SS Datasheet PDF - Diotec Semiconductor
Part # MMBTRA101SS
Download  MMBTRA101SS Download
File Size   157.88 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description SMD Digital PNP Transistors

MMBTRA101SS Datasheet (PDF)

Go To PDF Page Download Datasheet
MMBTRA101SS Datasheet PDF - Diotec Semiconductor

Part # MMBTRA101SS
Download  MMBTRA101SS Click to download

File Size   157.88 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description SMD Digital PNP Transistors

MMBTRA101SS Datasheet (HTML) - Diotec Semiconductor


MMBTRA101SS Product details

Features
   Cost and space savings by integrated
   bias resistor combinations
   Compliant to RoHS, REACH,
   Conflict Minerals 1)

Typical Applications
   Digital controls
   Switching, Signal processing
   Commercial grade 1)

Mechanical Data 1)
   Taped and reeled 3000 / 7“
   Weight approx. 0.01 g
   Case material UL 94V-0
   Solder & assembly conditions 260°C/10s
                                                       MSL = 1




Similar Part No. - MMBTRA101SS

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
MMBTRA101SS SEMTECH_ELEC-MMBTRA101SS Datasheet
168Kb / 2P
PNP Silicon Epitaxial Planar Transistor
logo
Diotec Semiconductor
MMBTRA101SS DIOTEC-MMBTRA101SS Datasheet
167Kb / 2P
SMD Digital PNP Transistors
logo
Dongguan Pingjingsemi T...
MMBTRA101SS PJSEMI-MMBTRA101SS Datasheet
860Kb / 6P
PNP Digital Transistor
logo
Diotec Semiconductor
MMBTRA101SS DIOTEC-MMBTRA101SS_1 Datasheet
167Kb / 2P
SMD Digital PNP Transistors
More results


Similar Description - MMBTRA101SS

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
DTA123JKA MCC-DTA123JKA Datasheet
1Mb / 2P
PNP Digital Transistors
DTA143EKA MCC-DTA143EKA Datasheet
814Kb / 2P
PNP Digital Transistors
DTA144EKA MCC-DTA144EKA Datasheet
828Kb / 2P
PNP Digital Transistors
DTA144EUA MCC-DTA144EUA Datasheet
110Kb / 3P
PNP Digital Transistors
logo
SeCoS Halbleitertechnol...
DTA114EE SECOS-DTA114EE Datasheet
194Kb / 2P
PNP Digital Transistors
logo
Micro Commercial Compon...
DTA114ECA MCC-DTA114ECA_11 Datasheet
198Kb / 2P
PNP Digital Transistors
DTA144EUA MCC-DTA144EUA_11 Datasheet
212Kb / 3P
PNP Digital Transistors
logo
Shenzhen Jin Yu Semicon...
DTA114EE HTSEMI-DTA114EE Datasheet
348Kb / 2P
Digital transistors (PNP)
logo
Diotec Semiconductor
MMBTRA101SS DIOTEC-MMBTRA101SS_1 Datasheet
167Kb / 2P
SMD Digital PNP Transistors
BCR08PN DIOTEC-BCR08PN Datasheet
150Kb / 2P
SMD Digital NPN/PNP Transistors
More results




About Diotec Semiconductor


Diotec Semiconductor is a German-based company that specializes in the design, development, and manufacture of semiconductor components. The company was founded in 1973 and has since grown to become a leading supplier of diodes, bridge rectifiers, transistors, and other electronic components.

Diotec Semiconductor products are used in a wide range of applications, including power supplies, lighting, automotive electronics, and industrial controls. The company's products are known for their high quality, reliability, and long-term stability, which make them suitable for use in demanding environments.

In addition to its standard product offerings, Diotec Semiconductor also offers custom solutions to meet specific customer requirements. The company has a global network of distributors and partners, which enables it to provide excellent service and support to customers worldwide.

Overall, Diotec Semiconductor is a reputable and established company that offers high-quality semiconductor components for a range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com