Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCR08PN Datasheet (PDF) - Diotec Semiconductor

BCR08PN Datasheet PDF - Diotec Semiconductor
Part # BCR08PN
Download  BCR08PN Download
File Size   150.48 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description SMD Digital NPN/PNP Transistors

BCR08PN Datasheet (PDF)

Go To PDF Page Download Datasheet
BCR08PN Datasheet PDF - Diotec Semiconductor

Part # BCR08PN
Download  BCR08PN Click to download

File Size   150.48 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description SMD Digital NPN/PNP Transistors

BCR08PN Datasheet (HTML) - Diotec Semiconductor


BCR08PN Product details

Features
   Two complementary transistors in one package
   Cost and space savings by integrated
   bias resistor combinations
   Compliant to RoHS, REACH,
   Conflict Minerals 1)

Typical Applications
   Signal processing,
   Switching, Amplification
   Commercial grade
   Suffix -Q: AEC-Q101 compliant 1)
   Suffix -AQ: in AEC-Q101 qualification 1)

Mechanical Data 1)
   Taped and reeled 3000 / 7“
   Weight approx. 0.01 g
   Case material UL 94V-0
   Solder & assembly conditions 260°C/10s
                                                      MSL = 1




Similar Part No. - BCR08PN

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BCR08PN SIEMENS-BCR08PN Datasheet
63Kb / 5P
NPN/PNP Silicon Digital Tansistor Array (Switching circuit, inverter, interface circuit, drive circuit)
logo
Infineon Technologies A...
BCR08PN INFINEON-BCR08PN Datasheet
52Kb / 5P
NPN/PNP Silicon Digital Transistor Array
Nov-29-2001
BCR08PN INFINEON-BCR08PN Datasheet
141Kb / 7P
NPN/PNP Silicon Digital Transistor Array
2007-07-24
BCR08PN INFINEON-BCR08PN Datasheet
533Kb / 7P
NPN/PNP Silicon Digital Transistor Array
2011-07-28
BCR08PN INFINEON-BCR08PN_07 Datasheet
141Kb / 7P
NPN/PNP Silicon Digital Transistor Array
2007-07-24
More results


Similar Description - BCR08PN

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
UMD6N SECOS-UMD6N Datasheet
130Kb / 2P
Dual NPNPNP Digital Transistors
logo
Shenzhen Jin Yu Semicon...
EMD9 HTSEMI-EMD9 Datasheet
627Kb / 2P
dual digital transistors (NPN PNP)
logo
SeCoS Halbleitertechnol...
UMH13N SECOS-UMH13N_15 Datasheet
131Kb / 1P
Dual NPNPNP Digital Transistors
logo
Jiangsu Changjiang Elec...
EMD6 JIANGSU-EMD6 Datasheet
7Mb / 5P
Dual Digital Transistors (NPNPNP)
EMD22 JIANGSU-EMD22 Datasheet
4Mb / 4P
Dual Digital Transistors (NPNPNP)
EMD12 JIANGSU-EMD12 Datasheet
5Mb / 6P
Dual Digital Transistors (NPNPNP)
logo
Micro Commercial Compon...
UMC5N MCC-UMC5N Datasheet
453Kb / 5P
NPNPNP DUAL DIGITAL TRANSISTORS
logo
Diotec Semiconductor
MMBTRA101SS DIOTEC-MMBTRA101SS Datasheet
157Kb / 2P
SMD Digital PNP Transistors
MMBTRC110SS DIOTEC-MMBTRC110SS Datasheet
139Kb / 2P
SMD Digital NPN Transistors
MMBTRA101SS DIOTEC-MMBTRA101SS_1 Datasheet
167Kb / 2P
SMD Digital PNP Transistors
More results




About Diotec Semiconductor


Diotec Semiconductor is a German-based company that specializes in the design, development, and manufacture of semiconductor components. The company was founded in 1973 and has since grown to become a leading supplier of diodes, bridge rectifiers, transistors, and other electronic components.

Diotec Semiconductor products are used in a wide range of applications, including power supplies, lighting, automotive electronics, and industrial controls. The company's products are known for their high quality, reliability, and long-term stability, which make them suitable for use in demanding environments.

In addition to its standard product offerings, Diotec Semiconductor also offers custom solutions to meet specific customer requirements. The company has a global network of distributors and partners, which enables it to provide excellent service and support to customers worldwide.

Overall, Diotec Semiconductor is a reputable and established company that offers high-quality semiconductor components for a range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com