Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI74FCT163374 Datasheet (PDF) - Pericom Semiconductor Corporation

PI74FCT163374 Datasheet PDF - Pericom Semiconductor Corporation
Part # PI74FCT163374
Download  PI74FCT163374 Download
File Size   94.86 Kbytes
Page   5 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description Fast CMOS 3.3V 16-Bit Register (3-State)

PI74FCT163374 Datasheet (PDF)

Go To PDF Page Download Datasheet
PI74FCT163374 Datasheet PDF - Pericom Semiconductor Corporation

Part # PI74FCT163374
Download  PI74FCT163374 Click to download

File Size   94.86 Kbytes
Page   5 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description Fast CMOS 3.3V 16-Bit Register (3-State)

PI74FCT163374 Datasheet (HTML) - Pericom Semiconductor Corporation


PI74FCT163374 Product details

Product Description
Pericom Semiconductor’s PI74FCT series of logic circuits are produced in the Company’s advanced 0.6 micron CMOS technology, achieving industry leading speed grades.

Product Features
• Advanced Low Power CMOS Operation
• Can serve as a 5V to 3V translator
• Excellent output drive capability: Balanced drives (24 mA sink and source) Compatible with LVCTM class of products.
• Pin compatible with industry standard double-density pinouts
• Low ground bounce outputs
• Hysteresis on all inputs
• Industrial operating temperature range: –40°C to +85°C
• Inputs can be driven by 3.3V or 5V devices
• Multiple center pin and distributed Vcc/GND pins minimizing switching noise
• Packages available:
    – 48-pin 240 mil wide plastic TSSOP (A)
    – 48-pin 300 mil wide plastic SSOP (V)
    – 48-pin 173 mil wide plastic TVSOP (K)




Similar Part No. - PI74FCT163374

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74FCT163373 PERICOM-PI74FCT163373 Datasheet
73Kb / 5P
Fast CMOS 3.3V 16-Bit Transparent Latch
More results


Similar Description - PI74FCT163374

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVT16652 PHILIPS-74ALVT16652 Datasheet
108Kb / 14P
2.5V/3.3V 16-bit bus transceiver/register 3-State
1998 Feb 13
logo
Pericom Semiconductor C...
PI74LCX16374 PERICOM-PI74LCX16374 Datasheet
151Kb / 6P
Fast CMOS 3.3V 16-Bit Register (3-State)
PI74LPT16374 PERICOM-PI74LPT16374 Datasheet
50Kb / 5P
Fast CMOS 3.3V 16-Bit Register (3-State)
logo
Integrated Device Techn...
IDT74FCT163374A IDT-IDT74FCT163374A Datasheet
76Kb / 7P
3.3V CMOS 16-BIT REGISTER (3-STATE)
IDT74FCT162374AT IDT-IDT74FCT162374AT Datasheet
73Kb / 7P
FAST CMOS 16-BIT REGISTER (3-STATE)
IDT54FCT16374T IDT-IDT54FCT16374T Datasheet
126Kb / 8P
FAST CMOS 16-BIT REGISTER (3-STATE)
IDT74FCT163374A IDT-IDT74FCT163374A_18 Datasheet
91Kb / 7P
3.3V CMOS 16-BIT REGISTER
logo
Renesas Technology Corp
IDT74FCT162374AT RENESAS-IDT74FCT162374AT Datasheet
239Kb / 8P
FAST CMOS 16-BIT REGISTER (3-STATE)
SEPTEMBER 2009
IDT74FCT163374A RENESAS-IDT74FCT163374A Datasheet
250Kb / 8P
3.3V CMOS 16-BIT REGISTER (3-STATE)
MAY 2018
IDT74FCT16374AT RENESAS-IDT74FCT16374AT Datasheet
259Kb / 8P
FAST CMOS 16-BIT REGISTER (3-STATE)
MARCH 2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com