Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI74LCX16374 Datasheet (PDF) - Pericom Semiconductor Corporation

PI74LCX16374 Datasheet PDF - Pericom Semiconductor Corporation
Part # PI74LCX16374
Download  PI74LCX16374 Download
File Size   151.86 Kbytes
Page   6 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description Fast CMOS 3.3V 16-Bit Register (3-State)

PI74LCX16374 Datasheet (PDF)

Go To PDF Page Download Datasheet
PI74LCX16374 Datasheet PDF - Pericom Semiconductor Corporation

Part # PI74LCX16374
Download  PI74LCX16374 Click to download

File Size   151.86 Kbytes
Page   6 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description Fast CMOS 3.3V 16-Bit Register (3-State)

PI74LCX16374 Datasheet (HTML) - Pericom Semiconductor Corporation


PI74LCX16374 Product details

Product Description
The PI74LCX16374 is a 16-bit octal register designed with 16 D-type flip-flops with a buffered common clock and 3-state outputs. The Output Enable (xOE) and clock (xCLK) controls are organized to operate as two 8-bit registers or one 16-bit register. When OE is HIGH, the outputs are in the high impedance state. Input data meeting the setup and hold time requirements of the D inputs is transferred to the O outputs on the LOW-to-HIGH transition of the clock input. The PI74LCX16374 can be driven from either 3.3V or 5.0V devices allowing this device to be used as a translator in a mixed 3.3/5.0V system.

Product Features
• Functionally compatible with FCT3, LVT, and 74 series 16374 families of products
• 3-state outputs
• 5V Tolerant inputs and outputs
• 2.0V-3.6V VDD supply operation
• Balanced sink and source output drives (24mA)
• Low ground bounce outputs
• Power down High Impedance inputs and outputs
• Supports live insertion
• ESD Protection exceeds 2000V, Human Body Model 200V, Machine Model
• Packaging (Pb-free & Green available):
    – 48-pin 240-mil wide plastic TSSOP (A)
    – 48-pin 300-mil wide plastic SSOP (V)




Similar Part No. - PI74LCX16374

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74LCX16373 PERICOM-PI74LCX16373 Datasheet
159Kb / 6P
Fast CMOS 3.3V 16-Bit Transparent Latch
PI74LCX16373V PERICOM-PI74LCX16373V Datasheet
159Kb / 6P
Fast CMOS 3.3V 16-Bit Transparent Latch
More results


Similar Description - PI74LCX16374

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVT16652 PHILIPS-74ALVT16652 Datasheet
108Kb / 14P
2.5V/3.3V 16-bit bus transceiver/register 3-State
1998 Feb 13
logo
Pericom Semiconductor C...
PI74FCT163374 PERICOM-PI74FCT163374 Datasheet
94Kb / 5P
Fast CMOS 3.3V 16-Bit Register (3-State)
PI74LPT16374 PERICOM-PI74LPT16374 Datasheet
50Kb / 5P
Fast CMOS 3.3V 16-Bit Register (3-State)
logo
Integrated Device Techn...
IDT74FCT163374A IDT-IDT74FCT163374A Datasheet
76Kb / 7P
3.3V CMOS 16-BIT REGISTER (3-STATE)
IDT74FCT162374AT IDT-IDT74FCT162374AT Datasheet
73Kb / 7P
FAST CMOS 16-BIT REGISTER (3-STATE)
IDT54FCT16374T IDT-IDT54FCT16374T Datasheet
126Kb / 8P
FAST CMOS 16-BIT REGISTER (3-STATE)
IDT74FCT163374A IDT-IDT74FCT163374A_18 Datasheet
91Kb / 7P
3.3V CMOS 16-BIT REGISTER
logo
Renesas Technology Corp
IDT74FCT162374AT RENESAS-IDT74FCT162374AT Datasheet
239Kb / 8P
FAST CMOS 16-BIT REGISTER (3-STATE)
SEPTEMBER 2009
IDT74FCT163374A RENESAS-IDT74FCT163374A Datasheet
250Kb / 8P
3.3V CMOS 16-BIT REGISTER (3-STATE)
MAY 2018
IDT74FCT16374AT RENESAS-IDT74FCT16374AT Datasheet
259Kb / 8P
FAST CMOS 16-BIT REGISTER (3-STATE)
MARCH 2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com