Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VBUS052BD-HTF Datasheet (PDF) - Vishay Siliconix

VBUS052BD-HTF Datasheet PDF - Vishay Siliconix
Part # VBUS052BD-HTF
Download  VBUS052BD-HTF Download
File Size   146.78 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Low Capacitance, 2-Line ESD Protection Diode

VBUS052BD-HTF Datasheet (PDF)

Go To PDF Page Download Datasheet
VBUS052BD-HTF Datasheet PDF - Vishay Siliconix

Part # VBUS052BD-HTF
Download  VBUS052BD-HTF Click to download

File Size   146.78 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Low Capacitance, 2-Line ESD Protection Diode

VBUS052BD-HTF Datasheet (HTML) - Vishay Siliconix


VBUS052BD-HTF Product details

• Compact LLP75-4L package
• Low package height < 0.6 mm
• 2-line ESD protection
• Low leakage current < 0.1 μA
• Low load capacitance CD = 1.5 pF
• ESD immunity acc. IEC 61000-4-2
± 15 kV contact discharge
± 15 kV air discharge
• High surge current acc. IEC 61000-4-5 lPP > 3 A
• Soldering can be checked by standard vision inspection.
no X-ray necessary
• e4 - precious metal (e.g. Ag, Au, NiPd, NiPdAu) (no Sn)




Similar Part No. - VBUS052BD-HTF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VBUS052BD-HTF VISHAY-VBUS052BD-HTF Datasheet
152Kb / 6P
Low Capacitance, 2-Line ESD Protection Diode
04-Jan-2018
VBUS052BD-HTF VISHAY-VBUS052BD-HTF_V01 Datasheet
152Kb / 6P
Low Capacitance, 2-Line ESD Protection Diode
04-Jan-2018
More results


Similar Description - VBUS052BD-HTF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
DVIULC6-2X6 STMICROELECTRONICS-DVIULC6-2X6_06 Datasheet
50Kb / 3P
Ultra Low Capacitance 2 line ESD protection
14-Nov-2006
logo
Vishay Siliconix
VBUS051CD-HD1 VISHAY-VBUS051CD-HD1 Datasheet
534Kb / 5P
Low Capacitance, Single-Line ESD-Protection Diode
13-Jul-10
VBUS051BD-HD1-GS08 VISHAY-VBUS051BD-HD1-GS08 Datasheet
141Kb / 6P
Low Capacitance, Single-Line ESD-Protection Diode
23-May-12
VLIN1616-02G VISHAY-VLIN1616-02G Datasheet
113Kb / 6P
Low Capacitance, Single-Line ESD Protection Diode
19-Jul-17
logo
TECH PUBLIC Electronics...
TPESD0502S6 TECHPUBLIC-TPESD0502S6 Datasheet
1Mb / 4P
Low Capacitance 2-Line ESD Protection
logo
Vishay Siliconix
VBUS051BD-HD1 VISHAY-VBUS051BD-HD1_V01 Datasheet
154Kb / 6P
Low Capacitance, Single-Line ESD Protection Diode
20-May-2021
VBUS051CD-HD1 VISHAY-VBUS051CD-HD1_V01 Datasheet
117Kb / 6P
Low Capacitance, Single-Line ESD Protection Diode
20-May-2021
VBUS052BD-HTF VISHAY-VBUS052BD-HTF_V01 Datasheet
152Kb / 6P
Low Capacitance, 2-Line ESD Protection Diode
04-Jan-2018
logo
First Silicon Co., Ltd
FTVE7205RX3 FS-FTVE7205RX3 Datasheet
243Kb / 4P
Ultra-Low Capacitance 2-Line ESD Protection
2022. 05. 19 Revision No : 0
logo
TECH PUBLIC Electronics...
TPESD7L5.0DT5G TECHPUBLIC-TPESD7L5.0DT5G Datasheet
958Kb / 4P
Ultra-Low Capacitance 2-Line ESD Protection
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com