Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FTVE7205RX3 Datasheet (PDF) - First Silicon Co., Ltd

FTVE7205RX3 Datasheet PDF - First Silicon Co., Ltd
Part # FTVE7205RX3
Download  FTVE7205RX3 Download
File Size   243.69 Kbytes
Page   4 Pages
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd
Description Ultra-Low Capacitance 2-Line ESD Protection

FTVE7205RX3 Datasheet (PDF)

Go To PDF Page Download Datasheet
FTVE7205RX3 Datasheet PDF - First Silicon Co., Ltd

Part # FTVE7205RX3
Download  FTVE7205RX3 Click to download

File Size   243.69 Kbytes
Page   4 Pages
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd
Description Ultra-Low Capacitance 2-Line ESD Protection

FTVE7205RX3 Datasheet (HTML) - First Silicon Co., Ltd


FTVE7205RX3 Product details

Features
Ultra low capacitance: 0.2 pF typical (IO to IO)
 Ultra low leakage: nA level
 Low operating voltage: 5V
 Low clamping voltage
 Complies with following standards:
 - IEC 61000-4-2 (ESD) immunity test
Air discharge: ±18kV
Contact discharge: ±12kV
– IEC61000-4-5 (Lightning) 3A (8/20 μs)
 These are Pb−Free Devices
 Response Time is Typically < 1 ns

Applications
Cellular Handsets and Accessories
Personal Digital Assistants
Notebooks and Handhelds
Portable Instrumentation
Digital Cameras
Peripherals




Similar Part No. - FTVE7205RX3

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FTVE24EC FS-FTVE24EC Datasheet
246Kb / 4P
Low operating voltage:
2022. 01. 20 Revision No : 0
FTVESD0512S6 FS-FTVESD0512S6 Datasheet
422Kb / 4P
Ultra low leakage: nA level
2021. 12. 29 Revision No : 0
FTVESD0512X6 FS-FTVESD0512X6 Datasheet
356Kb / 4P
Ultra low leakage: nA level
2022. 01. 03 Revision No : 0
FTVESD0521PA FS-FTVESD0521PA Datasheet
275Kb / 4P
Ultra small package: 1.0x0.6x0.5mm
2022. 01. 06 Revision No : 0
FTVESD0524AP FS-FTVESD0524AP Datasheet
328Kb / 5P
Low Capact itance 4-Line Uni-directional TVS Diode
2022. 04. 01 Revision No : 0
More results


Similar Description - FTVE7205RX3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
DVIULC6-2X6 STMICROELECTRONICS-DVIULC6-2X6_06 Datasheet
50Kb / 3P
Ultra Low Capacitance 2 line ESD protection
14-Nov-2006
logo
Semtech Corporation
RCLAMP0821P SEMTECH-RCLAMP0821P Datasheet
181Kb / 7P
Ultra-Low Capacitance 1-Line ESD protection
logo
SYNC POWER Crop.
SPE6V8UN SYNC-POWER-SPE6V8UN Datasheet
229Kb / 5P
Ultra Low Capacitance 2 -Line ESD Protection Array
SPE0582 SYNC-POWER-SPE0582 Datasheet
200Kb / 6P
Ultra Low Capacitance 2 -Line ESD Protection Array
SPE6V8UN SYNC-POWER-SPE6V8UN_11 Datasheet
231Kb / 7P
Ultra Low Capacitance 2 -Line ESD Protection Array
logo
Semtech Corporation
RCLAMP0531TQ SEMTECH-RCLAMP0531TQ Datasheet
152Kb / 9P
Ultra-Low Capacitance 1-Line ESD protection
RCLAMP0552T SEMTECH-RCLAMP0552T Datasheet
147Kb / 7P
Ultra Low Capacitance TVS 2-Line ESD Protection
RCLAMP3522T SEMTECH-RCLAMP3522T Datasheet
405Kb / 8P
Ultra-Low Capacitance 2-Line, 3.5V ESD protection
logo
TECH PUBLIC Electronics...
TPESD0502S6 TECHPUBLIC-TPESD0502S6 Datasheet
1Mb / 4P
Low Capacitance 2-Line ESD Protection
TPESD7L5.0DT5G TECHPUBLIC-TPESD7L5.0DT5G Datasheet
958Kb / 4P
Ultra-Low Capacitance 2-Line ESD Protection
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com