Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FTVE24EC Datasheet (PDF) - First Silicon Co., Ltd

FTVE24EC Datasheet PDF - First Silicon Co., Ltd
Part # FTVE24EC
Download  FTVE24EC Download
File Size   246.06 Kbytes
Page   4 Pages
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd
Description Low operating voltage:

FTVE24EC Datasheet (PDF)

Go To PDF Page Download Datasheet
FTVE24EC Datasheet PDF - First Silicon Co., Ltd

Part # FTVE24EC
Download  FTVE24EC Click to download

File Size   246.06 Kbytes
Page   4 Pages
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd
Description Low operating voltage:

FTVE24EC Datasheet (HTML) - First Silicon Co., Ltd


FTVE24EC Product details

Features
Low operating voltage:±24V
Ultra low capacitance: 20pF typical
Ultra low leakage: nA level
Low clamping voltage
Complies with following standards:
– IEC 61000- 4- 2 (ESD) immunity te st
Air discharge: ±30 kV
Contact discharge: ± 30kV
– IEC61000-4 5 (Lightning) 7A (8/20 μs)
RoHS Compliant
Lead Finish: NiPdAu

Applications
Cellular Handsets and Accessories
Personal Digital Assistants
Notebooks and Handhelds
Portable Instrumentation
Digital Cameras
Peripherals




Similar Part No. - FTVE24EC

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FTVE7205RX3 FS-FTVE7205RX3 Datasheet
243Kb / 4P
Ultra-Low Capacitance 2-Line ESD Protection
2022. 05. 19 Revision No : 0
FTVESD0512S6 FS-FTVESD0512S6 Datasheet
422Kb / 4P
Ultra low leakage: nA level
2021. 12. 29 Revision No : 0
FTVESD0512X6 FS-FTVESD0512X6 Datasheet
356Kb / 4P
Ultra low leakage: nA level
2022. 01. 03 Revision No : 0
FTVESD0521PA FS-FTVESD0521PA Datasheet
275Kb / 4P
Ultra small package: 1.0x0.6x0.5mm
2022. 01. 06 Revision No : 0
FTVESD0524AP FS-FTVESD0524AP Datasheet
328Kb / 5P
Low Capact itance 4-Line Uni-directional TVS Diode
2022. 04. 01 Revision No : 0
More results


Similar Description - FTVE24EC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PT7V4027 ETC1-PT7V4027 Datasheet
291Kb / 5P
3.3V operating voltage
PT7V4035 ETC1-PT7V4035 Datasheet
293Kb / 5P
3.3V operating voltage
logo
Mitsumi Electronics, Co...
MM1671 MITSUMI-MM1671 Datasheet
77Kb / 12P
Low Voltage Operating 75hom Driver
logo
Unisonic Technologies
UM1671 UTC-UM1671 Datasheet
179Kb / 6P
LOW VOLTAGE OPERATING 75廓 DRIVER
logo
Rohm
TLR342XXX ROHM-TLR342XXX Datasheet
1Mb / 38P
Low Operating Supply Voltage
logo
IK Semicon Co., Ltd
IW4015B IKSEMICON-IW4015B Datasheet
218Kb / 6P
Operating Voltage Range
IW4017B IKSEMICON-IW4017B Datasheet
222Kb / 7P
Operating Voltage Range
IW4019B IKSEMICON-IW4019B Datasheet
180Kb / 5P
Operating Voltage Range
logo
Alpha & Omega Semicondu...
AOZ8040 AOSMD-AOZ8040 Datasheet
388Kb / 7P
Low operating voltage: 5.0V
logo
Unisonic Technologies
UM1671 UTC-UM1671_17 Datasheet
215Kb / 6P
LOW VOLTAGE OPERATING DRIVER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com