Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FTVESD0524AP Datasheet (PDF) - First Silicon Co., Ltd

FTVESD0524AP Datasheet PDF - First Silicon Co., Ltd
Part # FTVESD0524AP
Download  FTVESD0524AP Download
File Size   328.73 Kbytes
Page   5 Pages
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd
Description Low Capact itance 4-Line Uni-directional TVS Diode

FTVESD0524AP Datasheet (PDF)

Go To PDF Page Download Datasheet
FTVESD0524AP Datasheet PDF - First Silicon Co., Ltd

Part # FTVESD0524AP
Download  FTVESD0524AP Click to download

File Size   328.73 Kbytes
Page   5 Pages
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd
Description Low Capact itance 4-Line Uni-directional TVS Diode

FTVESD0524AP Datasheet (HTML) - First Silicon Co., Ltd


FTVESD0524AP Product details

Features
Ultra low capacitance: 0.3pF typical (I/O to I/O )
Ultra low leakage: nA level
Low operating voltage: 5V
Low clamping voltage
Up to 4 data lines and one power line protects
Complies with following standards:
– IEC 61000-4-2 (ESD) immunity test
Air discharge: ±25kV
Contact discharge: ±20kV
– IEC61000-4-4 (EFT) 40A (5/50ns)
– IEC61000-4-5 (Lightning) : 4A(8/20μs)
ROHS Compliant

Applications
 High Definition Multimedia Interface (HDMI)
 Digital Visual Interface (DVI)
 Unified Display Interface (UDI)
 MDDI Ports
 PCI Express
 Serial ATA




Similar Part No. - FTVESD0524AP

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FTVESD0521PA FS-FTVESD0521PA Datasheet
275Kb / 4P
Ultra small package: 1.0x0.6x0.5mm
2022. 01. 06 Revision No : 0
FTVESD0525X6 FS-FTVESD0525X6 Datasheet
251Kb / 4P
Low Capacitance 5-Line TVS Diode
2022. 04. 04 Revision No : 0
More results


Similar Description - FTVESD0524AP

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
TPESDLC0524P TECHPUBLIC-TPESDLC0524P Datasheet
1Mb / 5P
4-Line Uni-directional TVS Diode
TPRCLAMP0524P TECHPUBLIC-TPRCLAMP0524P Datasheet
1Mb / 5P
4-Line Uni-directional TVS Diode
TPD4E05U06DQAR TECHPUBLIC-TPD4E05U06DQAR Datasheet
1Mb / 5P
4-Line Uni-directional TVS Diode
RCLAMP0524P TECHPUBLIC-RCLAMP0524P Datasheet
1Mb / 5P
4-Line Uni-directional TVS Diode
TP1045-04F TECHPUBLIC-TP1045-04F Datasheet
1Mb / 4P
4-Line Uni-directional TVS Diode
TPAZ1043-04F TECHPUBLIC-TPAZ1043-04F Datasheet
1Mb / 5P
4-Line Uni-directional TVS Diode
TPD4EUSB30DQAR-TP TECHPUBLIC-TPD4EUSB30DQAR-TP Datasheet
1Mb / 5P
4-Line Uni-directional TVS Diode
TPESD3324P TECHPUBLIC-TPESD3324P Datasheet
869Kb / 5P
4-Line Uni-directional TVS Diode
TPRCLAMP3324P TECHPUBLIC-TPRCLAMP3324P Datasheet
745Kb / 5P
4-Line Uni-directional TVS Diode
RCLAMP3324P TECHPUBLIC-RCLAMP3324P Datasheet
1Mb / 5P
4-Line Uni-directional TVS Diode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com