Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FTVESD0525X6 Datasheet (PDF) - First Silicon Co., Ltd

FTVESD0525X6 Datasheet PDF - First Silicon Co., Ltd
Part # FTVESD0525X6
Download  FTVESD0525X6 Download
File Size   251.23 Kbytes
Page   4 Pages
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd
Description Low Capacitance 5-Line TVS Diode

FTVESD0525X6 Datasheet (PDF)

Go To PDF Page Download Datasheet
FTVESD0525X6 Datasheet PDF - First Silicon Co., Ltd

Part # FTVESD0525X6
Download  FTVESD0525X6 Click to download

File Size   251.23 Kbytes
Page   4 Pages
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd
Description Low Capacitance 5-Line TVS Diode

FTVESD0525X6 Datasheet (HTML) - First Silicon Co., Ltd


FTVESD0525X6 Product details

Features
Ultra low leakage: nA leve l
Low operating voltage: 5 V
Complies with following standard s:
IEC 61000-4-2 (ESD) immunity test
A ir discharge: ±15kV
C ontact discharge: ±8kV
RoHS Complian t
Lead Finish: NiPdAu
IEC61000-4-5 (Lightning)4A (8/20μs)

Applications
USB 2.0 interface
10/100 Ethernet
Personal digital assistants (PDA's)
Notebooks, Desktops and Servers
Portable instrumentation
Digital cameras




Similar Part No. - FTVESD0525X6

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FTVESD0521PA FS-FTVESD0521PA Datasheet
275Kb / 4P
Ultra small package: 1.0x0.6x0.5mm
2022. 01. 06 Revision No : 0
FTVESD0524AP FS-FTVESD0524AP Datasheet
328Kb / 5P
Low Capact itance 4-Line Uni-directional TVS Diode
2022. 04. 01 Revision No : 0
More results


Similar Description - FTVESD0525X6

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ8811 AOSMD-AOZ8811 Datasheet
338Kb / 7P
Ultra-Low Capacitance One-line TVS Diode
AOZ8811-03 AOSMD-AOZ8811-03 Datasheet
331Kb / 7P
Ultra-Low Capacitance One-line TVS Diode
AOZ8822 AOSMD-AOZ8822 Datasheet
358Kb / 7P
Ultra-Low Capacitance Two-line TVS Diode
logo
Applied Power Microelec...
AR0501D5 APMICRO-AR0501D5 Datasheet
748Kb / 4P
1-Line Low Capacitance TVS Diode
AR0502P6 APMICRO-AR0502P6 Datasheet
636Kb / 4P
2-Line Ultra Low Capacitance TVS Diode
AR0502S2 APMICRO-AR0502S2 Datasheet
784Kb / 5P
2-Line Ultra Low Capacitance TVS Diode
AR0504P3 APMICRO-AR0504P3 Datasheet
851Kb / 6P
4-Line Low Capacitance TVS Diode Array
AR0554S8 APMICRO-AR0554S8 Datasheet
490Kb / 4P
4-Line Low Capacitance TVS Diode Array
ASRV05-4 APMICRO-ASRV05-4 Datasheet
554Kb / 8P
4-Line Low Capacitance TVS Diode Array
logo
Shanghai Leiditech Elec...
ULC0502P3 LEIDITECH-ULC0502P3 Datasheet
2Mb / 4P
2-Line Uitra Low Capacitance TVS Diode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com