Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FTVESD0521PA Datasheet (PDF) - First Silicon Co., Ltd

FTVESD0521PA Datasheet PDF - First Silicon Co., Ltd
Part # FTVESD0521PA
Download  FTVESD0521PA Download
File Size   275.59 Kbytes
Page   4 Pages
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd
Description Ultra small package: 1.0x0.6x0.5mm

FTVESD0521PA Datasheet (PDF)

Go To PDF Page Download Datasheet
FTVESD0521PA Datasheet PDF - First Silicon Co., Ltd

Part # FTVESD0521PA
Download  FTVESD0521PA Click to download

File Size   275.59 Kbytes
Page   4 Pages
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd
Description Ultra small package: 1.0x0.6x0.5mm

FTVESD0521PA Datasheet (HTML) - First Silicon Co., Ltd


FTVESD0521PA Product details

Features
Ultra small package: 1.0x0.6x0.5mm
Ultra low capacitance:0.3pF typical
Ultra low leakage: nA level
Low clamping voltage
2-pin leadless pack age
Complies with following standards:
– IEC 61000-4-2 (ESD) immunity test
Air discharge: 30kV
Contact discharge: ± 25kV
– IEC61000-4-5 (Lightning)4A (8/20μs)
RoHS Compliant
Lead Finish: NiPdAu
Low operating voltage: ±5V

Applications
Cellular Handsets & Accessories
Digital Visual Interface (DVI)
Display Port
MDDI Ports
USB Ports




Similar Part No. - FTVESD0521PA

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FTVESD0524AP FS-FTVESD0524AP Datasheet
328Kb / 5P
Low Capact itance 4-Line Uni-directional TVS Diode
2022. 04. 01 Revision No : 0
FTVESD0525X6 FS-FTVESD0525X6 Datasheet
251Kb / 4P
Low Capacitance 5-Line TVS Diode
2022. 04. 04 Revision No : 0
More results


Similar Description - FTVESD0521PA

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
ZD5225ASH CYSTEKEC-ZD5225ASH Datasheet
287Kb / 7P
Ultra small surface mount package
logo
Advanced Power Electron...
AP2900EC4 A-POWER-AP2900EC4 Datasheet
98Kb / 7P
Ultra-small Package Outline
AP2904EC4 A-POWER-AP2904EC4 Datasheet
97Kb / 7P
Ultra-small Package Outline
logo
Diodes Incorporated
DMN2300UFL4 DIODES-DMN2300UFL4 Datasheet
236Kb / 7P
Ultra-Small Surface Mount Package
Rev 2
logo
Shanghai Leiditech Elec...
SDA2411DN LEIDITECH-SDA2411DN Datasheet
1Mb / 4P
Ultra small package: 1.0x0.6x0.5mm
logo
First Silicon Co., Ltd
FESD24VB17-1006 FS-FESD24VB17-1006 Datasheet
262Kb / 4P
Ultra small package
2021. 07. 01 Revision No : 0
FESD5V0B03-0201 FS-FESD5V0B03-0201 Datasheet
1Mb / 4P
Ultra small package
2021. 11. 01 Revision No : 0
logo
Shanghai Leiditech Elec...
SPHV24-01ETG LEIDITECH-SPHV24-01ETG Datasheet
960Kb / 4P
Ultra small package: 1.0x0.6x0.5mm
Rev : 01.06.2018
logo
Guangdong Youtai Semico...
PESDR0521P1 UMW-PESDR0521P1 Datasheet
417Kb / 4P
Ultra small package: 1.0x0.6x0.5mm
RCLAMP0521P UMW-RCLAMP0521P Datasheet
411Kb / 4P
Ultra small package: 1.0x0.6x0.5mm
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com