Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VBUS54CV-HSF Datasheet (PDF) - Vishay Siliconix

VBUS54CV-HSF Datasheet PDF - Vishay Siliconix
Part # VBUS54CV-HSF
Download  VBUS54CV-HSF Download
File Size   173.98 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 4-Line BUS-Port ESD Protection

VBUS54CV-HSF Datasheet (PDF)

Go To PDF Page Download Datasheet
VBUS54CV-HSF Datasheet PDF - Vishay Siliconix

Part # VBUS54CV-HSF
Download  VBUS54CV-HSF Click to download

File Size   173.98 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 4-Line BUS-Port ESD Protection

VBUS54CV-HSF Datasheet (HTML) - Vishay Siliconix


VBUS54CV-HSF Product details

• Ultra compact LLP75-6L package
• 4-line USB ESD protection
• Low leakage current
• Low load capacitance CD = 1.2 pF
• ESD immunity acc. IEC 61000-4-2
± 30 kV contact discharge
± 30 kV air discharge
• High surge current acc. IEC 61000-4-5 Ipp > 11 A
• e4 - precious metal (e.g. Ag, Au, NiPd, NiPdAu),
(no Sn)




Similar Part No. - VBUS54CV-HSF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VBUS54CV-HSF VISHAY-VBUS54CV-HSF Datasheet
180Kb / 7P
4-Line BUS-Port ESD Protection
04-Jan-2019
VBUS54CV-HSF VISHAY-VBUS54CV-HSF_V01 Datasheet
180Kb / 7P
4-Line BUS-Port ESD Protection
04-Jan-2019
More results


Similar Description - VBUS54CV-HSF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VBUS054B-HS3 VISHAY-VBUS054B-HS3 Datasheet
309Kb / 9P
4-Line BUS-port ESD-protection
07-Oct-08
VBUS054DD-HF4 VISHAY-VBUS054DD-HF4 Datasheet
105Kb / 6P
4-Line BUS-port ESD-protection
02-Mar-10
VBUS54DD-HS4 VISHAY-VBUS54DD-HS4 Datasheet
131Kb / 5P
4-Line BUS-port ESD-protection
18-Apr-11
VBUS054DD-HS4 VISHAY-VBUS054DD-HS4 Datasheet
137Kb / 5P
4-Line BUS-Port ESD Protection
19-Sep-11
VBUS054CV-HS3 VISHAY-VBUS054CV-HS3 Datasheet
280Kb / 7P
4-Line BUS-Port ESD-Protection
04-Sep-08
VBUS054D-HF4 VISHAY-VBUS054D-HF4 Datasheet
127Kb / 6P
4-Line BUS-Port ESD Protection
04-Jan-2019
VBUS54DDHS4 VISHAY-VBUS54DDHS4 Datasheet
152Kb / 6P
4-Line BUS-Port ESD Protection
04-Jan-2019
VBUS054B-HSF VISHAY-VBUS054B-HSF_V01 Datasheet
197Kb / 9P
4-Line BUS-Port ESD Protection
04-Jan-2019
VBUS54CV-HSF VISHAY-VBUS54CV-HSF_V01 Datasheet
180Kb / 7P
4-Line BUS-Port ESD Protection
04-Jan-2019
VBUS54DD-HS4 VISHAY-VBUS54DD-HS4_V01 Datasheet
153Kb / 6P
4-Line BUS-Port ESD Protection
04-Jan-2019
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com