Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VBUS054CV-HS3 Datasheet (PDF) - Vishay Siliconix

VBUS054CV-HS3 Datasheet PDF - Vishay Siliconix
Part # VBUS054CV-HS3
Download  VBUS054CV-HS3 Download
File Size   280.13 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 4-Line BUS-Port ESD-Protection

VBUS054CV-HS3 Datasheet (PDF)

Go To PDF Page Download Datasheet
VBUS054CV-HS3 Datasheet PDF - Vishay Siliconix

Part # VBUS054CV-HS3
Download  VBUS054CV-HS3 Click to download

File Size   280.13 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 4-Line BUS-Port ESD-Protection

VBUS054CV-HS3 Datasheet (HTML) - Vishay Siliconix


VBUS054CV-HS3 Product details

• Ultra compact LLP75-6A package
• 4-line USB ESD-protection
• Low leakage current
• Low load capacitance CD = 1.2 pF
• ESD-protection acc. IEC 61000-4-2
± 30 kV contact discharge
± 30 kV air discharge
• High surge current acc. IEC61000-4-5 IPP > 11 A
• Lead (Pb)-free component
• Component in accordance to RoHS 2002/95/EC
and WEEE 2002/96/EC




Similar Part No. - VBUS054CV-HS3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VBUS054CV-06S VISHAY-VBUS054CV-06S Datasheet
122Kb / 6P
4-Line BUS-Port ESD-Protection
28-May-10
VBUS054CV-06S-G-08 VISHAY-VBUS054CV-06S-G-08 Datasheet
122Kb / 6P
4-Line BUS-Port ESD-Protection
28-May-10
More results


Similar Description - VBUS054CV-HS3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VBUS054B-HS3 VISHAY-VBUS054B-HS3 Datasheet
309Kb / 9P
4-Line BUS-port ESD-protection
07-Oct-08
VBUS054DD-HF4 VISHAY-VBUS054DD-HF4 Datasheet
105Kb / 6P
4-Line BUS-port ESD-protection
02-Mar-10
VBUS54DD-HS4 VISHAY-VBUS54DD-HS4 Datasheet
131Kb / 5P
4-Line BUS-port ESD-protection
18-Apr-11
VBUS054DD-HS4 VISHAY-VBUS054DD-HS4 Datasheet
137Kb / 5P
4-Line BUS-Port ESD Protection
19-Sep-11
VBUS54CV-HSF VISHAY-VBUS54CV-HSF Datasheet
173Kb / 7P
4-Line BUS-Port ESD Protection
03-May-17
VBUS054D-HF4 VISHAY-VBUS054D-HF4 Datasheet
127Kb / 6P
4-Line BUS-Port ESD Protection
04-Jan-2019
VBUS54DDHS4 VISHAY-VBUS54DDHS4 Datasheet
152Kb / 6P
4-Line BUS-Port ESD Protection
04-Jan-2019
VBUS054B-HSF VISHAY-VBUS054B-HSF_V01 Datasheet
197Kb / 9P
4-Line BUS-Port ESD Protection
04-Jan-2019
VBUS54CV-HSF VISHAY-VBUS54CV-HSF_V01 Datasheet
180Kb / 7P
4-Line BUS-Port ESD Protection
04-Jan-2019
VBUS54DD-HS4 VISHAY-VBUS54DD-HS4_V01 Datasheet
153Kb / 6P
4-Line BUS-Port ESD Protection
04-Jan-2019
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com