Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VBUS054CV-HS3 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VBUS054CV-HS3
Description  4-Line BUS-Port ESD-Protection
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VBUS054CV-HS3 Datasheet(HTML) 2 Page - Vishay Siliconix

  VBUS054CV-HS3 Datasheet HTML 1Page - Vishay Siliconix VBUS054CV-HS3 Datasheet HTML 2Page - Vishay Siliconix VBUS054CV-HS3 Datasheet HTML 3Page - Vishay Siliconix VBUS054CV-HS3 Datasheet HTML 4Page - Vishay Siliconix VBUS054CV-HS3 Datasheet HTML 5Page - Vishay Siliconix VBUS054CV-HS3 Datasheet HTML 6Page - Vishay Siliconix VBUS054CV-HS3 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.vishay.com
2
Document Number 81760
Rev. 1.1, 04-Sep-08
VBUS054CV-HS3
Vishay Semiconductors
For technical support, please contact: ESD-Protection@vishay.com
Electrical Characteristics
Ratings at 25 °C, ambient temperature unless otherwise specified
VBUS054CV-HS3
Date line: pin 1 , 3, 4 or 6 to pin 2
VBUS054CV-HS3
VBUS-line: pin 5 to pin 2
Application Note
With the VBUS054CV-HS3 a double, high speed USB-port can be protected against transient voltage signals.
Negative transients will be clamped close below the ground level while positive transients will be clamped close
above the 5 V working range. An avalanche diode clamps the supply line (VBUS at pin 5) to ground (pin 2). The
high speed data lines, D1+, D2+, D1- and D2- , are connected to pin 1, 3, 4 and 6. As long as the signal voltage
on the data lines is between the ground- and the VBUS -level, the low capacitance PN-diodes offer a very high
isolation to VBUS , ground and to the other data lines. But as soon as any transient signal exceeds this working
range, one of the PN-diodes gets in the forward mode and clamps the transient to ground or the avalanche
break through voltage level.
Parameter
Test conditions/remarks
Symbol
Min.
Typ.
Max.
Unit
Protection paths
Number of line which can be protected
Nlines
4lines
Reverse working voltage
at IR = 0.1 µA
VRWM
5V
Reverse current
at VIN = VRWM = 5 V
IR
< 0.01
0.1
µA
Reverse breakdown voltage
at IR = 1 mA
VBR
77.9
8.6
V
Reverse clamping voltage
at IPP = 11 A; acc. IEC 61000-4-5
VC
18
22
V
Forward clamping voltage
at IF = 11 A; acc. IEC 61000-4-5
VF
6.5
8
V
Data line capacitance
VR (at I/O pin) = 0 V;
VR (at pin 5) = 5 V; f = 1 MHz
CD
1.2
2.5
pF
Line Symmetry
Difference of the line capacitances
dCD
0.2
pF
Parameter
Test conditions/remarks
Symbol
Min.
Typ.
Max.
Unit
Reverse working voltage
at IR = 0.1 µA
VRWM
56.6
V
Reverse current
at VIN = VRWM = 5 V
IR
< 0.01
0.1
µA
Reverse breakdown voltage
at IR = 1 mA
VBR
77.9
8.6
V
Reverse clamping voltage
at IPP = 13 A; acc. IEC 61000-4-5
VC
18
22
V
Forward clamping voltage
at IF = 13 A; acc. IEC 61000-4-5
VF
7V
Line capacitance
VR (at pin 5) = 0 V; f = 1 MHz
CD
190
pF



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com