Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AAT3112 Datasheet (PDF) - Advanced Analogic Technologies

AAT3112 Datasheet PDF - Advanced Analogic Technologies
Part # AAT3112
Download  AAT3112 Download
File Size   354.31 Kbytes
Page   16 Pages
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies
Description 500mA High Efficiency Charge Pump for White LED Flash Applications

AAT3112 Datasheet (PDF)

Go To PDF Page Download Datasheet
AAT3112 Datasheet PDF - Advanced Analogic Technologies

Part # AAT3112
Download  AAT3112 Click to download

File Size   354.31 Kbytes
Page   16 Pages
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies
Description 500mA High Efficiency Charge Pump for White LED Flash Applications

AAT3112 Datasheet (HTML) - Advanced Analogic Technologies


AAT3112 Product details

General Description
The AAT3112 is a member of AnalogicTechs Total Power Management IC™ (TPMIC™) family. It is a dual voltage doubling charge pump that provides a regulated output voltage. It operates with an input voltage range of 2.7 to 5.0 volts. The device can deliver a constant 200mA output load current and up to 500mA of pulsed current. The 500mA peak current capability of the AAT3112 makes it ideal for white LED flash applications. A low external parts count (two 1μF flying capacitors and two small capacitors at VIN and VOUT) makes the AAT3112 ideally suited for small battery-powered applications.

Features
• Input Voltage Range:
    — AAT3112-5.0: 2.7V to 5.0V
    — AAT3112-4.5: 2.7V to 4.5V
• Up to 500mA Peak Output Current
• 200mA Continuous Output Current
• IQ <1μA in Shutdown
• Regulated 4.5V or 5.0V Output
• 26μA of Quiescent Current
• Small Application Circuit
• Automatic Soft Start
• No Inductors
• Short-Circuit/Over-Temperature Protection
• 16-Pin 3x3mm QFN Package
• Temperature Range: -40°C to +85°C

Applications
• General-Purpose High-Current Boost Supply
• White LED Backlighting
• White LED Photo Flash




Similar Part No. - AAT3112

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3112 ANALOGICTECH-AAT3112 Datasheet
520Kb / 16P
500mA High Efficiency Charge Pump for White LED Flash Applications
logo
Skyworks Solutions Inc.
AAT3112 SKYWORKS-AAT3112 Datasheet
1Mb / 15P
500mA High Efficiency Charge Pump for White LED Flash Applications
June 25, 2012
logo
Advanced Analogic Techn...
AAT3112IVN-4.5-T1 ANALOGICTECH-AAT3112IVN-4.5-T1 Datasheet
520Kb / 16P
500mA High Efficiency Charge Pump for White LED Flash Applications
logo
Skyworks Solutions Inc.
AAT3112IVN-4.5-T1 SKYWORKS-AAT3112IVN-4.5-T1 Datasheet
1Mb / 15P
500mA High Efficiency Charge Pump for White LED Flash Applications
June 25, 2012
logo
Advanced Analogic Techn...
AAT3112IVN-5.0-T1 ANALOGICTECH-AAT3112IVN-5.0-T1 Datasheet
520Kb / 16P
500mA High Efficiency Charge Pump for White LED Flash Applications
More results


Similar Description - AAT3112

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT2805 ANALOGICTECH-AAT2805 Datasheet
557Kb / 17P
Dual High Efficiency Charge Pump for White LED and Flash Applications
AAT2806 ANALOGICTECH-AAT2806 Datasheet
478Kb / 16P
Dual High Efficiency Charge Pump for White LED AND Flash Applications
AAT3175 ANALOGICTECH-AAT3175 Datasheet
247Kb / 12P
High Efficiency 1X/1.5X/2X Charge Pump For White LED Flash Applications
logo
Advanced Analog Technol...
AAT2805 AAT-AAT2805 Datasheet
662Kb / 16P
Dual High Efficiency Charge Pump for White LED and Flash Applications
2805.2006.04.1.7
AAT2806 AAT-AAT2806 Datasheet
582Kb / 16P
Dual High Efficiency Charge Pump for White LED and Flash Applications
2806.2006.04.1.8
logo
Advanced Analogic Techn...
AAT2806 ANALOGICTECH-AAT2806_07 Datasheet
513Kb / 16P
Dual High Efficiency Charge Pump for White LED and Flash Applications
AAT3112 ANALOGICTECH-AAT3112_07 Datasheet
520Kb / 16P
500mA High Efficiency Charge Pump for White LED Flash Applications
AAT3151B ANALOGICTECH-AAT3151B_08 Datasheet
295Kb / 13P
High Efficiency 1X/1.5X Charge Pump For White LED Applications
logo
SiGe Semiconductor, Inc...
AATIAN48 SIGE-AATIAN48 Datasheet
100Kb / 4P
Dual High Efficiency Charge Pump For White LED and Flash Applications
AATIAN64 SIGE-AATIAN64 Datasheet
85Kb / 4P
High Efficiency 1X/1.5X/2X Charge Pump For White LED Flash Applications
More results




About Advanced Analogic Technologies


Advanced Analogic Technologies (AnalogicTech) is a semiconductor company that specializes in the design, development and manufacture of power manageAdvanced Analogic Technologies (AnalogicTech) is a semiconductor company that specializes in the design, development and manufacture of power management and high-performance analog integrated circuits (ICs).
The company's products are used in a wide range of applications including mobile devices, laptops, digital cameras, and other portable electronic devices.
AnalogicTech's portfolio includes DC-DC converters, LED drivers, battery management ICs, and other power management solutions. The company was acquired by Texas Instruments in 2013.ment and high-performance analog integrated circuits (ICs). The company's products are used in a wide range of applications including mobile devices, laptops, digital cameras, and other portable electronic devices. AnalogicTech's portfolio includes DC-DC converters, LED drivers, battery management ICs, and other power management solutions. The company was acquired by Texas Instruments in 2013.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com