Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AAT3112IVN-4.5-T1 Datasheet (PDF) - Skyworks Solutions Inc.

AAT3112IVN-4.5-T1 Datasheet PDF - Skyworks Solutions Inc.
Part # AAT3112IVN-4.5-T1
Download  AAT3112IVN-4.5-T1 Download
File Size   1709.46 Kbytes
Page   15 Pages
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.
Description 500mA High Efficiency Charge Pump for White LED Flash Applications

AAT3112IVN-4.5-T1 Datasheet (PDF)

Go To PDF Page Download Datasheet
AAT3112IVN-4.5-T1 Datasheet PDF - Skyworks Solutions Inc.

Part # AAT3112IVN-4.5-T1
Download  AAT3112IVN-4.5-T1 Click to download

File Size   1709.46 Kbytes
Page   15 Pages
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.
Description 500mA High Efficiency Charge Pump for White LED Flash Applications

AAT3112IVN-4.5-T1 Datasheet (HTML) - Skyworks Solutions Inc.


AAT3112IVN-4.5-T1 Product details

Features
• Input Voltage Range:
▪ AAT3112-5.0: 2.7V to 5.0V
▪ AAT3112-4.5: 2.7V to 4.5V
• Up to 500mA Peak Output Current
• 200mA Continuous Output Current
• IQ <1μA in Shutdown
• Regulated 4.5V or 5.0V Output
• 26μA of Quiescent Current
• Small Application Circuit
• Automatic Soft Start
• No Inductors
• Short-Circuit/Over-Temperature Protection
• 16-Pin 3x3mm QFN Package
• Temperature Range: -40°C to +85°C




Similar Part No. - AAT3112IVN-4.5-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3112IVN-4.5-T1 ANALOGICTECH-AAT3112IVN-4.5-T1 Datasheet
354Kb / 16P
500mA High Efficiency Charge Pump for White LED Flash Applications
AAT3112IVN-4.5-T1 ANALOGICTECH-AAT3112IVN-4.5-T1 Datasheet
520Kb / 16P
500mA High Efficiency Charge Pump for White LED Flash Applications
More results


Similar Description - AAT3112IVN-4.5-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3112 ANALOGICTECH-AAT3112 Datasheet
354Kb / 16P
500mA High Efficiency Charge Pump for White LED Flash Applications
AAT2805 ANALOGICTECH-AAT2805 Datasheet
557Kb / 17P
Dual High Efficiency Charge Pump for White LED and Flash Applications
AAT2806 ANALOGICTECH-AAT2806 Datasheet
478Kb / 16P
Dual High Efficiency Charge Pump for White LED AND Flash Applications
AAT3175 ANALOGICTECH-AAT3175 Datasheet
247Kb / 12P
High Efficiency 1X/1.5X/2X Charge Pump For White LED Flash Applications
logo
Advanced Analog Technol...
AAT2805 AAT-AAT2805 Datasheet
662Kb / 16P
Dual High Efficiency Charge Pump for White LED and Flash Applications
2805.2006.04.1.7
AAT2806 AAT-AAT2806 Datasheet
582Kb / 16P
Dual High Efficiency Charge Pump for White LED and Flash Applications
2806.2006.04.1.8
logo
Advanced Analogic Techn...
AAT2806 ANALOGICTECH-AAT2806_07 Datasheet
513Kb / 16P
Dual High Efficiency Charge Pump for White LED and Flash Applications
AAT3112 ANALOGICTECH-AAT3112_07 Datasheet
520Kb / 16P
500mA High Efficiency Charge Pump for White LED Flash Applications
logo
SiGe Semiconductor, Inc...
AATIAN48 SIGE-AATIAN48 Datasheet
100Kb / 4P
Dual High Efficiency Charge Pump For White LED and Flash Applications
AATIAN64 SIGE-AATIAN64 Datasheet
85Kb / 4P
High Efficiency 1X/1.5X/2X Charge Pump For White LED Flash Applications
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com