Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AAT3122 Datasheet (PDF) - Advanced Analogic Technologies

AAT3122 Datasheet PDF - Advanced Analogic Technologies
Part # AAT3122
Download  AAT3122 Download
File Size   319.66 Kbytes
Page   12 Pages
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies
Description High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications

AAT3122 Datasheet (PDF)

Go To PDF Page Download Datasheet
AAT3122 Datasheet PDF - Advanced Analogic Technologies

Part # AAT3122
Download  AAT3122 Click to download

File Size   319.66 Kbytes
Page   12 Pages
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies
Description High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications

AAT3122 Datasheet (HTML) - Advanced Analogic Technologies


AAT3122 Product details

General Description
The AAT3122 is a low noise, constant frequency charge pump DC/DC converter that uses a dual mode Load Switch (1X) and fractional (1.5X) conversion to increase efficiency in White LED applications. With input voltages ranging from 2.7-5.5 Volts, the device can produce an output current of up to 120mA. A low external parts count (two 1µF flying capacitors and two small bypass capacitors at VIN and OUT) makes the AAT3122 ideally suited for small battery-powered applications.

Features
• VIN Range: 2.7V to 5.5V
• <1µA of Shutdown Current
• 1 MHz Switching Frequency
• Dual Mode 1x and 1.5x Charge Pump for Maximum Efficiency
• Only 4 External components
• Simple Serial Control™ (S2Cwire) Interface
• Low Noise Constant Frequency Operation
• 33% Less Input Current Than Doubler Charge Pumps
• Small Application Circuit
• Regulated Output Current
• Automatic Soft-Start
• No Inductors
• TSOPJW-12 Package
• -40 to +85C° Temperature Range

Applications
• White LED Backlighting
• Programmable Current Source




Similar Part No. - AAT3122

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT3122 AAT-AAT3122 Datasheet
262Kb / 12P
High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
3122.2005.11.1.3
logo
Advanced Analogic Techn...
AAT3122 ANALOGICTECH-AAT3122 Datasheet
262Kb / 12P
High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
logo
Skyworks Solutions Inc.
AAT3122 SKYWORKS-AAT3122 Datasheet
1Mb / 12P
High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
July 4, 2012
logo
Advanced Analog Technol...
AAT3122ITP-T1 AAT-AAT3122ITP-T1 Datasheet
262Kb / 12P
High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
3122.2005.11.1.3
logo
Advanced Analogic Techn...
AAT3122ITP-T1 ANALOGICTECH-AAT3122ITP-T1 Datasheet
262Kb / 12P
High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
More results


Similar Description - AAT3122

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AAT3134 ETC-AAT3134 Datasheet
330Kb / 12P
High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
AAT3123 ETC-AAT3123 Datasheet
372Kb / 18P
High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
logo
Advanced Analogic Techn...
AAT3131 ANALOGICTECH-AAT3131 Datasheet
329Kb / 14P
High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
logo
Advanced Analog Technol...
AAT3122 AAT-AAT3122 Datasheet
262Kb / 12P
High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
3122.2005.11.1.3
logo
Advanced Analogic Techn...
AAT3123 ANALOGICTECH-AAT3123 Datasheet
321Kb / 18P
High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
logo
Advanced Analog Technol...
AAT3131 AAT-AAT3131 Datasheet
275Kb / 14P
High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
3131.2005.12.1.2
logo
Advanced Analogic Techn...
AAT3134 ANALOGICTECH-AAT3134 Datasheet
273Kb / 13P
High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
AAT3122 ANALOGICTECH-AAT3122_05 Datasheet
262Kb / 12P
High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
AAT3123 ANALOGICTECH-AAT3123_08 Datasheet
1Mb / 19P
High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
AAT3131 ANALOGICTECH-AAT3131_08 Datasheet
275Kb / 14P
High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
More results




About Advanced Analogic Technologies


Advanced Analogic Technologies (AnalogicTech) is a semiconductor company that specializes in the design, development and manufacture of power manageAdvanced Analogic Technologies (AnalogicTech) is a semiconductor company that specializes in the design, development and manufacture of power management and high-performance analog integrated circuits (ICs).
The company's products are used in a wide range of applications including mobile devices, laptops, digital cameras, and other portable electronic devices.
AnalogicTech's portfolio includes DC-DC converters, LED drivers, battery management ICs, and other power management solutions. The company was acquired by Texas Instruments in 2013.ment and high-performance analog integrated circuits (ICs). The company's products are used in a wide range of applications including mobile devices, laptops, digital cameras, and other portable electronic devices. AnalogicTech's portfolio includes DC-DC converters, LED drivers, battery management ICs, and other power management solutions. The company was acquired by Texas Instruments in 2013.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com