Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AAT3131 Datasheet (PDF) - Advanced Analog Technology, Inc.

AAT3131 Datasheet PDF - Advanced Analog Technology, Inc.
Part # AAT3131
Download  AAT3131 Download
File Size   275.48 Kbytes
Page   14 Pages
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.
Description High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications

AAT3131 Datasheet (PDF)

Go To PDF Page Download Datasheet
AAT3131 Datasheet PDF - Advanced Analog Technology, Inc.

Part # AAT3131
Download  AAT3131 Click to download

File Size   275.48 Kbytes
Page   14 Pages
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.
Description High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications

AAT3131 Datasheet (HTML) - Advanced Analog Technology, Inc.


AAT3131 Product details

General Description
The AAT3131 is a low noise, constant frequency charge pump DC/DC converter that uses a dual mode load switch (1X) and fractional (1.5X) conversion to maximize efficiency for white LED applications. The device can be used to produce current levels up to 20mA in three of its outputs and 30mA in one of its outputs to drive LEDs from a 2.7V to 5.5V input. Outputs may be operated individually or paralleled for driving higher-current LEDs. A low external parts count (two 1µF flying capacitors and two small 1µF capacitors at VIN and OUT) makes the AAT3131 ideally suited for small battery-powered applications.

Features
• VIN Range: 2.7V to 5.5V
• <1.0µA of Shutdown Current
• 1MHz Switching Frequency
• White LED Backlighting
• Fully Independent Display Lighting
• Dual Mode 1X and 1.5X Charge Pump for Maximum Efficiency
• Drives Low-VF and High-VF Type LEDs
• Up to Three 20mA Outputs
• Single 30mA Output
• Multi-Position Logarithmic Scale with Digital Control
• Low Noise Constant Frequency Operation
• Regulated Output Current
• Automatic Soft Start
• No Inductors
• Temperature Range: -40°C to +85°C
• 12-Pin TSOPJW Package

Applications
• Color (RGB) Lighting
• Programmable Current Source
• White LED Backlighting
• White Photo Flash for Digital Still Cameras




Similar Part No. - AAT3131

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3131 ANALOGICTECH-AAT3131 Datasheet
329Kb / 14P
High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
AAT3131 ANALOGICTECH-AAT3131 Datasheet
275Kb / 14P
High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
logo
Skyworks Solutions Inc.
AAT3131 SKYWORKS-AAT3131 Datasheet
1Mb / 13P
High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
July 5, 2012
logo
Advanced Analogic Techn...
AAT3131ITP-T1 ANALOGICTECH-AAT3131ITP-T1 Datasheet
329Kb / 14P
High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
AAT3131ITP-T1 ANALOGICTECH-AAT3131ITP-T1 Datasheet
275Kb / 14P
High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
More results


Similar Description - AAT3131

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AAT3134 ETC-AAT3134 Datasheet
330Kb / 12P
High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
AAT3123 ETC-AAT3123 Datasheet
372Kb / 18P
High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
logo
Advanced Analogic Techn...
AAT3122 ANALOGICTECH-AAT3122 Datasheet
319Kb / 12P
High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
AAT3131 ANALOGICTECH-AAT3131 Datasheet
329Kb / 14P
High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
logo
Advanced Analog Technol...
AAT3122 AAT-AAT3122 Datasheet
262Kb / 12P
High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
3122.2005.11.1.3
logo
Advanced Analogic Techn...
AAT3123 ANALOGICTECH-AAT3123 Datasheet
321Kb / 18P
High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
AAT3134 ANALOGICTECH-AAT3134 Datasheet
273Kb / 13P
High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
AAT3122 ANALOGICTECH-AAT3122_05 Datasheet
262Kb / 12P
High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
AAT3123 ANALOGICTECH-AAT3123_08 Datasheet
1Mb / 19P
High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
AAT3131 ANALOGICTECH-AAT3131_08 Datasheet
275Kb / 14P
High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com