Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AO4405 Datasheet (PDF) - Alpha Industries

AO4405 Datasheet PDF - Alpha Industries
Part # AO4405
Download  AO4405 Download
File Size   114.16 Kbytes
Page   4 Pages
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries
Description P-Channel Enhancement Mode Field Effect Transistor

AO4405 Datasheet (PDF)

Go To PDF Page Download Datasheet
AO4405 Datasheet PDF - Alpha Industries

Part # AO4405
Download  AO4405 Click to download

File Size   114.16 Kbytes
Page   4 Pages
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries
Description P-Channel Enhancement Mode Field Effect Transistor

AO4405 Datasheet (HTML) - Alpha Industries


AO4405 Product details

General Description
The AO4405 uses advanced trench technology to provide excellent RDS(ON) with low gate charge. This device is suitable for use as a load switch or in PWM applications. AO4405L( Green Product ) is offered in a lead-free package.

Features
  VDS (V) = -30V
  ID = -6.0A
  RDS(ON) < 50mΩ (VGS = -10V)
  RDS(ON) < 85mΩ (VGS = -4.5V)




Similar Part No. - AO4405

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4405 AOSMD-AO4405 Datasheet
604Kb / 6P
30V P-Channel MOSFET
logo
shenzhen wanhexing Elec...
AO4405 WHXPCB-AO4405 Datasheet
2Mb / 6P
30V P-Channel MOSFET
logo
Guangdong Kexin Industr...
AO4405 KEXIN-AO4405 Datasheet
2Mb / 5P
P-Channel MOSFET
logo
VBsemi Electronics Co.,...
AO4405 VBSEMI-AO4405 Datasheet
1Mb / 8P
P-Channel 30-V (D-S) MOSFET
logo
Guangdong Youtai Semico...
AO4405 UMW-AO4405 Datasheet
486Kb / 8P
P-Channel MOSFET
More results


Similar Description - AO4405

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOD419 AOSMD-AOD419 Datasheet
119Kb / 5P
P-Channel Enhancement Mode Field Effect Transistor
logo
Chino-Excel Technology
CEM4435A CET-CEM4435A Datasheet
106Kb / 4P
P-Channel Enhancement Mode Field Effect Transistor
CES2321 CET-CES2321 Datasheet
108Kb / 4P
P-Channel Enhancement Mode Field Effect Transistor
CED2303 CET-CED2303 Datasheet
140Kb / 4P
P-Channel Enhancement Mode Field Effect Transistor
CED3423 CET-CED3423 Datasheet
258Kb / 4P
P-Channel Enhancement Mode Field Effect Transistor
logo
Diodes Incorporated
BSS84W DIODES-BSS84W_1 Datasheet
100Kb / 4P
P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30205 Rev. 9 - 2
DMP2104V DIODES-DMP2104V Datasheet
231Kb / 4P
P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30942 Rev. 3 - 2
logo
Chenmko Enterprise Co. ...
CHM2331PT CHENMKO-CHM2331PT Datasheet
482Kb / 3P
P-Channel Enhancement Mode Field Effect Transistor
CHM4431JPT CHENMKO-CHM4431JPT Datasheet
190Kb / 2P
P-Channel Enhancement Mode Field Effect Transistor
CHM4435AZPT CHENMKO-CHM4435AZPT Datasheet
199Kb / 2P
P-Channel Enhancement Mode Field Effect Transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com