Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AO4405 Datasheet (PDF) - Alpha & Omega Semiconductors

AO4405 Datasheet PDF - Alpha & Omega Semiconductors
Part # AO4405
Download  AO4405 Download
File Size   604.76 Kbytes
Page   6 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 30V P-Channel MOSFET

AO4405 Datasheet (PDF)

Go To PDF Page Download Datasheet
AO4405 Datasheet PDF - Alpha & Omega Semiconductors

Part # AO4405
Download  AO4405 Click to download

File Size   604.76 Kbytes
Page   6 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 30V P-Channel MOSFET

AO4405 Datasheet (HTML) - Alpha & Omega Semiconductors


AO4405 Product details

General Description

The AO4405 uses advanced trench technology to provide excellent RDS(ON) with low gate charge. This device is suitable for use as a load switch or in PWM applications.



Product Summary

  VDS                    -30V

  ID (at VGS=-10V)   -6A

  RDS(ON) (at VGS=-10V) < 50mΩ

  RDS(ON) (at VGS = -4.5V) < 85mΩ

 

  100% UIS Tested

  100% Rg Tested



 




Similar Part No. - AO4405

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AO4405 ALPHA-AO4405 Datasheet
114Kb / 4P
P-Channel Enhancement Mode Field Effect Transistor
logo
shenzhen wanhexing Elec...
AO4405 WHXPCB-AO4405 Datasheet
2Mb / 6P
30V P-Channel MOSFET
logo
Guangdong Kexin Industr...
AO4405 KEXIN-AO4405 Datasheet
2Mb / 5P
P-Channel MOSFET
logo
VBsemi Electronics Co.,...
AO4405 VBSEMI-AO4405 Datasheet
1Mb / 8P
P-Channel 30-V (D-S) MOSFET
logo
Guangdong Youtai Semico...
AO4405 UMW-AO4405 Datasheet
486Kb / 8P
P-Channel MOSFET
More results


Similar Description - AO4405

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM3481 TSC-TSM3481 Datasheet
358Kb / 6P
30V P-Channel MOSFET
TSM3401 TSC-TSM3401_07 Datasheet
349Kb / 6P
30V P-Channel MOSFET
TSM4435 TSC-TSM4435_07 Datasheet
358Kb / 6P
30V P-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO3407A AOSMD-AO3407A_11 Datasheet
489Kb / 5P
30V P-Channel MOSFET
logo
shenzhen wanhexing Elec...
AO4411 WHXPCB-AO4411 Datasheet
2Mb / 6P
30V P-Channel MOSFET
logo
Taiwan Semiconductor Co...
TSM4459 TSC-TSM4459 Datasheet
62Kb / 4P
30V P-Channel MOSFET
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com