Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP8111 Datasheet (PDF) - List of Unclassifed Manufacturers

AP8111 Datasheet PDF - List of Unclassifed Manufacturers
Part # AP8111
Download  AP8111 Download
File Size   457.42 Kbytes
Page   6 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description TruBass Audio Enhancement Processor

AP8111 Datasheet (PDF)

Go To PDF Page Download Datasheet
AP8111 Datasheet PDF - List of Unclassifed Manufacturers

Part # AP8111
Download  AP8111 Click to download

File Size   457.42 Kbytes
Page   6 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description TruBass Audio Enhancement Processor

AP8111 Datasheet (HTML) - List of Unclassifed Manufacturers


AP8111 Product details

[ASP Microelectronics Ltd.]

Overview
The AP8111 is a bass enhancement processor based on SRS Labs, Inc.’s patented TruBass technology. TruBass is a revolutionary psychoacoustic bass enhancement technology that provides deep, rich bass to small speakers without the need for a subwoofer or additional extra physical components. Deep bass now becomes possible even through speakers with limitations in driver and cabinet design. TruBass circuitry actively monitors the low-frequency content of an audio signal and optimizes the frequency and amplitude spectrum of the output signal to enhance bass perception. For systems with a subwoofer, TruBass complements and enhances bass performance.
TruBass is therefore most suitable for applications that use small size speakers yet need to deliver the best audio quality or home theatre effect: Mini or Micro Stereo Sound Systems, TV, CD, Boombox, Car Audio, DVD Receiver, Set-Top-Box, and other compact hi-fi systems such as Discman, MD, MP3 player, as well as PCs.

Features
● Operating Voltage 4.75V to 5.25V
● Low Operation Current 10mA typ
● Power down and Bypass mode selection
● Analog switch for mode and gain control
● External adjustment for speaker size setting (small, medium and large)
● Bipolar Technology
● Chip Package 28 pins SOP




Similar Part No. - AP8111

ManufacturerPart #DatasheetDescription
logo
Altech corporation
AP8 ALTECH-AP8 Datasheet
386Kb / 1P
30 mm Non-Illuminated Projecting Momentary Metal Operator APx
logo
Wuxi Chipown Micro-elec...
AP8003 CHIPOWN-AP8003 Datasheet
283Kb / 10P
Fixed 5V output non-isolated AC/DC converter chip
2018 5 Rev.1805
AP8003TBC-R1 CHIPOWN-AP8003TBC-R1 Datasheet
283Kb / 10P
Fixed 5V output non-isolated AC/DC converter chip
2018 5 Rev.1805
AP8003ZAC-T1 CHIPOWN-AP8003ZAC-T1 Datasheet
283Kb / 10P
Fixed 5V output non-isolated AC/DC converter chip
2018 5 Rev.1805
logo
AiT Semiconductor Inc.
AP8010 AITSEMI-AP8010 Datasheet
370Kb / 13P
AC-DC PWM CONTROLLER PRIMARY SWITCHING REGULATORS
REV1.0
More results


Similar Description - AP8111

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2150 NJRC-NJM2150 Datasheet
209Kb / 8P
SOUND ENHANCEMENT AUDIO PROCESSOR
NJM2150A NJRC-NJM2150A Datasheet
230Kb / 8P
SOUND ENHANCEMENT AUDIO PROCESSOR?
NJM2153 NJRC-NJM2153 Datasheet
189Kb / 6P
SOUND ENHANCEMENT AUDIO PROCESSOR?
NJM2192A NJRC-NJM2192A Datasheet
160Kb / 16P
SRS TruBass Bass Enhancement Processor
NJW1137 NJRC-NJW1137 Datasheet
385Kb / 24P
AUDIO PROCESSOR with SOUND ENHANCEMENT
NJM2152 NJRC-NJM2152 Datasheet
216Kb / 8P
SOUND ENHANCEMENT AUDIO PROCESSOR
NJW1169 NJRC-NJW1169 Datasheet
314Kb / 28P
AUDIO PROCESSOR with BBE Sound Enhancement & Passive Matrix TruSurround Virtualizer & TruBass
NJW1143 NJRC-NJW1143 Datasheet
160Kb / 17P
AUDIO PROCESSOR
NJM2708 NJRC-NJM2708 Datasheet
124Kb / 8P
Sound Enhancement Audio Processor for Compression Audio
NJM2707 NJRC-NJM2707 Datasheet
122Kb / 6P
Sound Enhancement Audio Processor for Compression Audio
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com