Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP8111 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # AP8111
Description  TruBass Audio Enhancement Processor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AP8111 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  AP8111 Datasheet HTML 1Page - List of Unclassifed Manufacturers AP8111 Datasheet HTML 2Page - List of Unclassifed Manufacturers AP8111 Datasheet HTML 3Page - List of Unclassifed Manufacturers AP8111 Datasheet HTML 4Page - List of Unclassifed Manufacturers AP8111 Datasheet HTML 5Page - List of Unclassifed Manufacturers AP8111 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
P
A
ASP
AP8111
3 Device Pin Out and Pin Descriptions
Revision 2.4
15 April., 2002
2
Pin #
Pin Name
Type
Descriptions
1
LOUT
AOUT
Left channel audio line output
2
LIN
AIN
Left channel audio line input
3
VREF
AOUT
2.25V analog reference
4
NC
-
Not used
5
CB1A
AI/O
100Hz band-pass filter circuit
6
CB1B
AI/O
100Hz band-pass filter circuit
7
CB1
AI/O
100Hz band-pass filter circuit
8
GND
PWR
Analog ground
9
TBGAIN
DIN
TruBass gain control. +6dB gain when this pin short to ground.
10
CB2B
AI/O
40/150Hz band-pass filter circuit
11
CB2A
AI/O
40/150Hz band-pass filter circuit
12
CB2
AI/O
40/150Hz band-pass filter circuit
13
BYPASS
DIN
Power down/ Bypass / TruBass-enable selection
14
COMPI
AIN
Compressor input
15
CL1
AI/O
Low-pass filter capacitor
16
FOUT
AOUT
Filter output
17
COMPC2
AI/O
Compressor capacitor
18
NC
-
Not used.
19
VCC
PWR
5 volts power supply
20
COMPC1
AI/O
Compressor output
21
CB3B
AI/O
60/200Hz band-pass filter circuit
22
CB3A
AI/O
60/200Hz band-pass filter circuit
23
CB3
AI/O
60/200Hz band-pass filter circuit
24
CL2B
AI/O
Low-pass filter capacitor
25
NC
-
Not used
26
CL2A
AI/O
Low-pass filter capacitor
27
RIN
AIN
Right channel audio line input
28
ROUT
AOUT
Right channel audio line output
AOUT - analog output pin
AIN
- analog input pin
AI/O
- analog bi-directional pin
DIN
- digital input pin
PWR
- power pin



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com