Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AV2188 Datasheet (PDF) - List of Unclassifed Manufacturers

AV2188 Datasheet PDF - List of Unclassifed Manufacturers
Part # AV2188
Download  AV2188 Download
File Size   198.13 Kbytes
Page   20 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Multi-Channel Audio CODEC

AV2188 Datasheet (PDF)

Go To PDF Page Download Datasheet
AV2188 Datasheet PDF - List of Unclassifed Manufacturers

Part # AV2188
Download  AV2188 Click to download

File Size   198.13 Kbytes
Page   20 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Multi-Channel Audio CODEC

AV2188 Datasheet (HTML) - List of Unclassifed Manufacturers


AV2188 Product details

[AVS Technology]



DESCRIPTION

The AV2188 is a mixed signal CMOS monolithic audio CODEC. It consists six channels sigma delta DACs and two channels sigma delta ADCs. The DACs support 20-bit and 24-bit input data, while the ADCs provides 24-bit MSB justified data output.



FEATURES

• Six Channel 24/20-bit DACs.

- 102 dB SNR

- 104 dB Dynamic Range.

- -90 dB THD + N Ratio.

- 32, 44.1 48 and 96 KHz. Sampling rates.

- 20-bit and 24-bit Digital Inputs.

- Containing Digital De-emphasis Filters.

- Digital Volume Control.

- I2S, Left and Right Justified Digital Input Formats.

- Auto-Mute Control.

- On -chip Reconstruction Filters.

• Two Channel Stereo ADCs

- 32, 44.1 and 48 KHz. Sampling Rate.

- 100 dB SNR and Dynamic Range.

- -96 dB THD + N Ratio.

- I2S and Left Justified Output Formats.

• System clock: 384 fs for 32, 44.1 or 48 KH. Sampling Rates, 194 fs for 96 KHz. Sampling Rate.



Applications

• Digital Surround Sound For Home Theater

• DVD

• Car Audio.




Similar Part No. - AV2188

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
AV2183R BELDEN-AV2183R Datasheet
168Kb / 3P
4K UHD Media Patch Cord CMR
05-10-2023
AV2183R100005 BELDEN-AV2183R100005 Datasheet
168Kb / 3P
4K UHD Media Patch Cord CMR
05-10-2023
AV2183R100007 BELDEN-AV2183R100007 Datasheet
168Kb / 3P
4K UHD Media Patch Cord CMR
05-10-2023
AV2183R100017 BELDEN-AV2183R100017 Datasheet
168Kb / 3P
4K UHD Media Patch Cord CMR
05-10-2023
AV2183R100050 BELDEN-AV2183R100050 Datasheet
168Kb / 3P
4K UHD Media Patch Cord CMR
05-10-2023
More results


Similar Description - AV2188

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4586 AKM-AK4586 Datasheet
586Kb / 54P
MULTI CHANNEL AUDIO CODEC WITH DIR
AK4626A AKM-AK4626A Datasheet
560Kb / 40P
High Performance Multi-channel Audio CODEC
AK4628A AKM-AK4628A Datasheet
546Kb / 41P
High Performance Multi-channel Audio CODEC
AKD4626A-B AKM-AKD4626A-B Datasheet
467Kb / 44P
Multi-channel Audio CODEC.
AK7770EQ AKM-AK7770EQ Datasheet
412Kb / 22P
Audio DSP with Multi-Channel Audio CODEC
AK7770 AKM-AK7770 Datasheet
412Kb / 22P
Audio DSP with Multi-Channel Audio CODEC
logo
Realtek Semiconductor C...
ALC5640 REALTEK-ALC5640 Datasheet
1Mb / 150P
Multi-Channel Audio Hub/CODEC
ALC5642 REALTEK-ALC5642 Datasheet
1Mb / 156P
Multi-Channel Audio Hub/CODEC
ALC5645 REALTEK-ALC5645 Datasheet
1Mb / 188P
Multi-Channel Audio Hub/CODEC
ALC5672 REALTEK-ALC5672 Datasheet
1Mb / 179P
Multi-Channel Audio Hub/CODEC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com