Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AV2188 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # AV2188
Description  Multi-Channel Audio CODEC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AV2188 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  AV2188 Datasheet HTML 1Page - List of Unclassifed Manufacturers AV2188 Datasheet HTML 2Page - List of Unclassifed Manufacturers AV2188 Datasheet HTML 3Page - List of Unclassifed Manufacturers AV2188 Datasheet HTML 4Page - List of Unclassifed Manufacturers AV2188 Datasheet HTML 5Page - List of Unclassifed Manufacturers AV2188 Datasheet HTML 6Page - List of Unclassifed Manufacturers AV2188 Datasheet HTML 7Page - List of Unclassifed Manufacturers AV2188 Datasheet HTML 8Page - List of Unclassifed Manufacturers AV2188 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
AV2188
June 2, 2000
2-20
Item
PERFORMANCE SPECIFICATIONS
Spec.
Audio DAC
1
Audio Output Level
1 Vrms
2
Audio Bandwidth 20Hz - 20 KHz
+/- 0.5 dB
3
SNR (A-weight, Muted)
>102 dB
4
SNR (A-weight, Not Muted)
>96 dB
5
THD + N (A-weight, 0.5 FFS Output)
< -100 dB
6
THD + N (A-weight, FFS Output)
< -92 dB
7
Dynamic Range
104 dB
8
Channel Separation
< -97 dB
9
Nonlinear Distortion
< 0.25 dB
10
Channel Gain Error
< 0.1 dB
Audio ADC
1
Full Scale Audio Input Level
1.5 Vp-p
2
Maximum Input Level
5.0 Vp-p
2
Audio Bandwidth
20 KHz
3
SNR
98 dB
4
THD + N (A-weight, 0.5 FFS Input)
96 dB
4
Dynamic Range
98 dB
All Measurement were taken with only one channel active.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com