Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AV2188 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # AV2188
Description  Multi-Channel Audio CODEC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AV2188 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button AV2188 Datasheet HTML 7Page - List of Unclassifed Manufacturers AV2188 Datasheet HTML 8Page - List of Unclassifed Manufacturers AV2188 Datasheet HTML 9Page - List of Unclassifed Manufacturers AV2188 Datasheet HTML 10Page - List of Unclassifed Manufacturers AV2188 Datasheet HTML 11Page - List of Unclassifed Manufacturers AV2188 Datasheet HTML 12Page - List of Unclassifed Manufacturers AV2188 Datasheet HTML 13Page - List of Unclassifed Manufacturers AV2188 Datasheet HTML 14Page - List of Unclassifed Manufacturers AV2188 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
AV2188
June 2, 2000
11-20
CONTROL REGISTERS DESCRIPTION
Control Register 0(ADDR=hex00, default=hex80)
[LT, IIS] Digital Serial Bus Format Select
00: - Normal or Right Justified Format. (default)
01: - I2S Format.
10: - Left Justified Format.
10: - Not allowed.
FMT[1:0]: - These two bits define the seial audio input resolution
00: - 24-bit resolution . (default)
01: - 20-bit resolution.
10: - 18-bit resolution.
11: - 16-bit resolution.
AMUTE: - Active low automute detection enable.
0: - Automute enabled. (default)
1: - No automute.
DEML: - De-emphasis Control
00: - No De-emphasis. (default)
01: - Select 44.1K de-emphasis filter.
10:- Select 48 K de-emphasis filter.
Control Register 1 (ADRS=hex01, default=hex80)
ADCPWD: ADC Control.
0 - ADC operational.
1 - Power down the ADC.
ADDR[4:0]
CREG0[7:0]
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
Hex 00
LT
IIS
FMT[1:0]
AMUTE
DEM[1:0]
Default Value
0
0000
R/W
R/W
R/W
R/W
R/W
R/W
ADDR[4:0]
CREG1[7:0]
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
Hex 01
ADCPWD
fs384
px4s
px2s
DACPWD12
DACPWD34
DACPWd56
Default Value
10
0
0
0
0
0
R/W
R/W
R/W
R/W
R/W
R/W
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com