Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AV2188 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # AV2188
Description  Multi-Channel Audio CODEC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AV2188 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button AV2188 Datasheet HTML 9Page - List of Unclassifed Manufacturers AV2188 Datasheet HTML 10Page - List of Unclassifed Manufacturers AV2188 Datasheet HTML 11Page - List of Unclassifed Manufacturers AV2188 Datasheet HTML 12Page - List of Unclassifed Manufacturers AV2188 Datasheet HTML 13Page - List of Unclassifed Manufacturers AV2188 Datasheet HTML 14Page - List of Unclassifed Manufacturers AV2188 Datasheet HTML 15Page - List of Unclassifed Manufacturers AV2188 Datasheet HTML 16Page - List of Unclassifed Manufacturers AV2188 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
AV2188
June 2, 2000
13-20
Application Connection Example:
SD1
SD2
SD3
SDOUT
CF
SF
XCK
SCL
SDA
DVSS
20
8
1
2
3
4
5
6
10
11
12
9
7
CM2
21
AVSS
18
14
DVCC
AVCC
AV2188
22 uF
22 uF
TST
13
Digital Audio
Interface
384 or 256 Times
SF C lock
I C Serial
Interface
Reset
AR3
AL3
AR2
AL2
AR1
AL1
27
28
25
24
23
26
22 uF
22 uF
22 uF
22 uF
22 uF
22 uF
Digital
+5 Volt
Analog
All Unmarked
Capacitors are
0.1 uF
220 ohm
22 uF
200K
220 ohm
22 uF
RIN
LIN
17
16
RST
CM1
47uF
19
12 ohm
2
22
15
+5 Volt
47uF
680 ohm
200K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com