Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1630 Datasheet (PDF) - Microchip Technology

MCP1630 Datasheet PDF - Microchip Technology
Part # MCP1630
Download  MCP1630 Download
File Size   440.0 Kbytes
Page   18 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description High-Speed, Microcontroller-Adaptable, Pulse Width Modulator

MCP1630 Datasheet (PDF)

Go To PDF Page Download Datasheet
MCP1630 Datasheet PDF - Microchip Technology

Part # MCP1630
Download  MCP1630 Click to download

File Size   440.0 Kbytes
Page   18 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description High-Speed, Microcontroller-Adaptable, Pulse Width Modulator

MCP1630 Datasheet (HTML) - Microchip Technology


MCP1630 Product details

Description
The MCP1630/V is a high-speed Pulse Width Modulator (PWM) used to develop intelligent power systems. When used with a microcontroller unit (MCU), the MCP1630/V will control the power system duty cycle to provide output voltage or current regulation. The MCU can be used to adjust output voltage or current, switching frequency, maximum duty cycle and other features that make the power system more intelligent.

Features
• High-Speed PWM Operation (12 ns Current Sense to Output Delay)
• Operating Temperature Range:
   - -40°C to +125°C
• Precise Peak Current Limit (±5%) (MCP1630)
• Voltage Mode and Average Current Mode Control (MCP1630V)
• CMOS Output Driver (drives MOSFET driver or
   low-side N-channel MOSFET directly)
• External Oscillator Input
   (from PIC® Microcontroller (MCU))
• External Voltage Reference Input (for adjustable
   voltage or current output application)
• Peak Current Mode Operation > 1 MHz
• Low Operating Current: 2.8 mA (typ.)
• Fast Output Rise and Fall Times: 5.9 ns and 6.2 ns
• Undervoltage Lockout (UVLO) Protection
• Output Short Circuit Protection
• Overtemperature Protection

Applications
• Intelligent Power Systems
• Smart Battery Charger Applications
• Multiple Output/Multiple Phase Converters
• Output Voltage Calibration
• AC Power Factor Correction
• VID Capability (programmed and calibrated by PIC® microcontroller)
• Buck/Boost/Buck-Boost/SEPIC/Flyback/Isolated Converters
• Parallel Power Supplies




Similar Part No. - MCP1630

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1630 MICROCHIP-MCP1630 Datasheet
353Kb / 26P
High-Speed, Microcontroller-Adaptable, Pulse Width Modulator
2005
MCP1630 MICROCHIP-MCP1630 Datasheet
608Kb / 30P
High-Speed, Microcontroller-Adaptable, Pulse Width Modulator
Revision D July 2022
MCP1630-E/MC MICROCHIP-MCP1630-E/MC Datasheet
353Kb / 26P
High-Speed, Microcontroller-Adaptable, Pulse Width Modulator
2005
MCP1630-E/MC MICROCHIP-MCP1630-E/MC Datasheet
608Kb / 30P
High-Speed, Microcontroller-Adaptable, Pulse Width Modulator
Revision D July 2022
MCP1630-E/MS MICROCHIP-MCP1630-E/MS Datasheet
353Kb / 26P
High-Speed, Microcontroller-Adaptable, Pulse Width Modulator
2005
More results


Similar Description - MCP1630

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M66244FP MITSUBISHI-M66244FP Datasheet
78Kb / 15P
High Speed Monolithic Pulse Width Modulator
logo
Analog Devices
AD9560 AD-AD9560 Datasheet
424Kb / 8P
High Speed Monolithic Pulse Width Modulator
AD9561 AD-AD9561 Datasheet
273Kb / 8P
Pulse Width Modulator
REV.0
logo
Microchip Technology
MCP1630 MICROCHIP-MCP1630_05 Datasheet
353Kb / 26P
High-Speed, Microcontroller-Adaptable, Pulse Width Modulator
2005
MCP1631 MICROCHIP-MCP1631 Datasheet
594Kb / 34P
High-Speed, Pulse Width Modulator
2008
logo
Texas Instruments
UCC25706-Q1 TI1-UCC25706-Q1 Datasheet
589Kb / 18P
HIGH-SPEED VOLTAGE MODE PULSE WIDTH MODULATOR
logo
Microchip Technology
MCP1630 MICROCHIP-MCP1630_13 Datasheet
365Kb / 26P
High-Speed, Microcontroller-Adaptable, Pulse Width Modulator
2004-2013
logo
Analog Devices
AD9560AKR AD-AD9560AKR Datasheet
427Kb / 8P
High Speed Monolithic Pulse Width Modulator
REV. 0
logo
Texas Instruments
UCC25705-Q1 TI-UCC25705-Q1_15 Datasheet
771Kb / 19P
HIGH-SPEED VOLTAGE MODE PULSE WIDTH MODULATOR
UCC25705 TI1-UCC25705_14 Datasheet
801Kb / 22P
HIGH--SPEED VOLTAGE MODE PULSE WIDTH MODULATOR
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com