Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9561 Datasheet (PDF) - Analog Devices

AD9561 Datasheet PDF - Analog Devices
Part # AD9561
Download  AD9561 Download
File Size   273.07 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Pulse Width Modulator

AD9561 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9561 Datasheet PDF - Analog Devices

Part # AD9561
Download  AD9561 Click to download

File Size   273.07 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Pulse Width Modulator

AD9561 Datasheet (HTML) - Analog Devices


AD9561 Product details

GENERAL DESCRIPTION
The AD9561 is a second generation high speed, digitally programmable pulse width modulator (PWM). Output pulse width is proportional to an 8-bit DATA input value. Two additional control inputs determine if the pulse is placed at the beginning, middle or end of the clock period. Pulse width and placement can be changed every clock cycle up to 60 MHz.


FEATURES
   60 MHz Pulse Rate
   8-Bit Resolution
   Center, Left or Right Justify
   Low Power: 700 mW typical
   Minimum Pulse Width: <5 ns
   Maximum PW: 100 % Full.scale

APPLICATIONS
   Laser Printers
   Digital Copiers
   Color Copiers




Similar Part No. - AD9561

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9561 AD-AD9561_15 Datasheet
2Mb / 8P
Pulse Width Modulator
REV. 0
More results


Similar Description - AD9561

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2524D NSC-LM2524D Datasheet
1Mb / 22P
Regulating Pulse Width Modulator
logo
Texas Instruments
UC1526 TI-UC1526 Datasheet
614Kb / 11P
Regulating Pulse Width Modulator
logo
Seme LAB
IP1526 SEME-LAB-IP1526 Datasheet
59Kb / 6P
REGULATING PULSE WIDTH MODULATOR
logo
Microsemi Corporation
SG1525A MICROSEMI-SG1525A Datasheet
135Kb / 7P
REGULATING PULSE WIDTH MODULATOR
logo
National Semiconductor ...
LM1525A NSC-LM1525A Datasheet
290Kb / 10P
PULSE WIDTH MODULATOR
logo
Siemens Semiconductor G...
SLE4520 SIEMENS-SLE4520 Datasheet
468Kb / 11P
Pulse-Width Modulator
logo
Microsemi Corporation
SG1526 MICROSEMI-SG1526_1 Datasheet
283Kb / 9P
REGULATING PULSE WIDTH MODULATOR
logo
Analog Devices
AD9561 AD-AD9561_15 Datasheet
2Mb / 8P
Pulse Width Modulator
REV. 0
logo
Linear Technology
LT1526 LINER-LT1526_15 Datasheet
926Kb / 8P
REGULATING PULSE WIDTH MODULATOR
logo
Texas Instruments
LM2524D TI-LM2524D_15 Datasheet
1Mb / 29P
Regulating Pulse Width Modulator
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com