Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9561 Datasheet(PDF) 3 Page - Analog Devices

Part # AD9561
Description  Pulse Width Modulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9561 Datasheet(HTML) 3 Page - Analog Devices

  AD9561 Datasheet HTML 1Page - Analog Devices AD9561 Datasheet HTML 2Page - Analog Devices AD9561 Datasheet HTML 3Page - Analog Devices AD9561 Datasheet HTML 4Page - Analog Devices AD9561 Datasheet HTML 5Page - Analog Devices AD9561 Datasheet HTML 6Page - Analog Devices AD9561 Datasheet HTML 7Page - Analog Devices AD9561 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
AD9561
–3–
REV. 0
ABSOLUTE MAXIMUM RATINGS
1
Positive Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . +7 V
Digital Input Voltage Range . . . . . . . . . . . . . . . –0.5 V to VDD
Minimum RSET . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 120 Ω
Digital Output Current (Sourcing)
2 . . . . . . . . . . . . . . . 10 mA
Digital Output Current (Sinking)
2 . . . . . . . . . . . . . . . . 10 mA
Operating Temperature Range
3 . . . . . . . . . . . . . 0
°C to +70°C
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . +150
°C
Lead Soldering Temperature (10 sec)
4
. . . . . . . . . . . . +300
°C
NOTES
1Absolute maximum ratings are limiting values, to be applied individually, and
beyond which serviceability may be impaired. Functional operation under any of
these conditions is not necessarily implied.
2CAL OUT should drive a single TTL or CMOS input.
3Typical Thermal Impedance:
28-lead SOIC (plastic)
θ
JA = 71.4 °C/W; θJC = 23°C/W.
4When soldering surface mount packages in vapor phase equipment, temperature
should not exceed 220
°C for more than one minute.
ORDERING GUIDE
Temperature Package
Package
Model
Range
Description
Option
AD9561JR
0
°C to +70°C 28-Lead SOIC R-28
AD9561JR-REEL* 0
°C to +70°C 28-Lead SOIC R-28
*Tape and Reel ordered in multiples of 1000 ICs.
PIN CONFIGURATION
28
27
26
22
21
20
19
18
17
25
24
23
TOP VIEW
(Not to Scale)
1
2
3
7
8
9
10
11
12
4
5
6
13
14
16
15
AD9561
OUT
V
DD
D2
D1
GND
V
DD
RETRACE
CAL START
V
DD
GND
D0 (LSB)
LEM/TEM
SEM/DEM
GND
D3
D4
D5
V
DD
GND
V
DD
CAL OUT
GND
D7(MSB)
CLOCK
GND
R
SET
D6
PWR REDUCE
PIN DESCRIPTIONS
Pin
Name
Description
1–5
D3–D7
Digital Data Bits, D7 Is MSB
6
CLOCK
Clock Input
7VDD
+5 V Supply
8
GND
Ground Return
9VDD
+5 V Supply
10
GND
Ground Return
11
CAL OUT
Calibration Complete Output
12
POWER REDUCE
Place AD9561 in Sleep Mode
13
GND
Ground Return
14
RSET
Ramp Current Set Resistor
15
GND
Ground Return
16
VDD
+5 V Supply
17
CAL START
Initiates Calibration Cycle
18
RETRACE
Force Output High
19
VDD
+5 V Supply
20
GND
Ground Return
21
OUT
Modulated Pulse Out
22
GND
Ground Return
23
VDD
+5 V Supply
24
LEM/TEM
Controls Leading (1) or
Trailing (0) Edge Modulation
25
SEM/DEM
Controls Single (1) or Dual (0)
Edge Modulation
26–28 D0–D2
Digital Data Bits, D0 is LSB
WARNING!
ESD SENSITIVE DEVICE
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD9561 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com