Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9561 Datasheet(PDF) 1 Page - Analog Devices

Part # AD9561
Description  Pulse Width Modulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9561 Datasheet(HTML) 1 Page - Analog Devices

  AD9561 Datasheet HTML 1Page - Analog Devices AD9561 Datasheet HTML 2Page - Analog Devices AD9561 Datasheet HTML 3Page - Analog Devices AD9561 Datasheet HTML 4Page - Analog Devices AD9561 Datasheet HTML 5Page - Analog Devices AD9561 Datasheet HTML 6Page - Analog Devices AD9561 Datasheet HTML 7Page - Analog Devices AD9561 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
AD9561
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 617/329-4700
World Wide Web Site: http://www.analog.com
Fax: 617/326-8703
© Analog Devices, Inc., 1996
Pulse Width Modulator
FUNCTIONAL BLOCK DIAGRAM
RAMP
RAMP
CLOCK
RSET
CAL IN
8-BIT
DATA
SEM/DEM
LEM/TEM
RETRACE
REF
DAC
OUTPUT
LOGIC
PWM
OUT
CAL
DAC
INTERNAL
TIMING
L
A
T
C
H
L
A
T
C
H
AD9561
CAL
OUT
CAL
OUT
FEATURES
60 MHz Pulse Rate
8-Bit Resolution
Center, Left or Right Justify
Low Power: 700 mW typical
Minimum Pulse Width: <5 ns
Maximum PW: 100 % Full-scale
APPLICATIONS
Laser Printers
Digital Copiers
Color Copiers
GENERAL DESCRIPTION
The AD9561 is a second generation high speed, digitally
programmable pulse width modulator (PWM). Output pulse
width is proportional to an 8-bit DATA input value. Two
additional control inputs determine if the pulse is placed at the
beginning, middle or end of the clock period. Pulse width and
placement can be changed every clock cycle up to 60 MHz.
Pulse width modulation is a well proven method for controlling
gray scale and resolution enhancement in scanning laser print
engines. Modulating pulse width provides the most cost
effective method for continuous tone reproduction and resolu-
tion enhancement in low-to-moderate cost scanning electro-
photographic systems.
The AD9561 uses precision analog circuits to control dot size
so that near-photographic quality images are practical without
the high frequency clock signals required by all digital approaches.
The AD9561 has improved features and performance over its
predecessor, the AD9560. An improved ramp topology enables
control of pulse width through 100% of the dot clock period as
opposed to 95% for the AD9560. This enables smooth transi-
tion across dot boundaries for line screen applications.
Additionally, input data setup and hold time are symmetrical at
2 ns each, simplifying interface to the system bus.
Finally, chip design and pinout are optimized to decrease
sensitivity of analog circuits to digital coupling. (See layout
section for detailed recommendations for optimum results.)
Inputs are TTL or CMOS compatible, and outputs are CMOS
compatible. The AD9561JR is packaged in a 28-lead plastic
SOIC. It is rated over the commercial temperature range, 0
°C
to +70
°C.
HIGHLIGHTS
1. 60 MHz native printer clock rate.
2. Single +5 V power supply.
3. On-chip Autocalibration.
4. Pulse placement flexibility.
5. High resolution: 256 pulse widths.


Similar Part No. - AD9561

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9561 AD-AD9561_15 Datasheet
2Mb / 8P
Pulse Width Modulator
REV. 0
More results

Similar Description - AD9561

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2524D NSC-LM2524D Datasheet
1Mb / 22P
Regulating Pulse Width Modulator
logo
Texas Instruments
UC1526 TI-UC1526 Datasheet
614Kb / 11P
Regulating Pulse Width Modulator
logo
Seme LAB
IP1526 SEME-LAB-IP1526 Datasheet
59Kb / 6P
REGULATING PULSE WIDTH MODULATOR
logo
Microsemi Corporation
SG1525A MICROSEMI-SG1525A Datasheet
135Kb / 7P
REGULATING PULSE WIDTH MODULATOR
logo
National Semiconductor ...
LM1525A NSC-LM1525A Datasheet
290Kb / 10P
PULSE WIDTH MODULATOR
logo
Siemens Semiconductor G...
SLE4520 SIEMENS-SLE4520 Datasheet
468Kb / 11P
Pulse-Width Modulator
logo
Microsemi Corporation
SG1526 MICROSEMI-SG1526_1 Datasheet
283Kb / 9P
REGULATING PULSE WIDTH MODULATOR
logo
Analog Devices
AD9561 AD-AD9561_15 Datasheet
2Mb / 8P
Pulse Width Modulator
REV. 0
logo
Linear Technology
LT1526 LINER-LT1526_15 Datasheet
926Kb / 8P
REGULATING PULSE WIDTH MODULATOR
logo
Texas Instruments
LM2524D TI-LM2524D_15 Datasheet
1Mb / 29P
Regulating Pulse Width Modulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com