Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS91720 Datasheet (PDF) - Integrated Circuit Systems

ICS91720 Datasheet PDF - Integrated Circuit Systems
Part # ICS91720
Download  ICS91720 Download
File Size   91.91 Kbytes
Page   11 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description Low EMI, Spread Modulating, Clock Generator

ICS91720 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS91720 Datasheet PDF - Integrated Circuit Systems

Part # ICS91720
Download  ICS91720 Click to download

File Size   91.91 Kbytes
Page   11 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description Low EMI, Spread Modulating, Clock Generator

ICS91720 Datasheet (HTML) - Integrated Circuit Systems


ICS91720 Product details

Features:
• ICS91720 is a Spread Spectrum Clock targeted for
    Mobile PC and LCD panel applications that
    generates an EMI-optimized clock signal (EMI peak
    reduction of 7-14 dB on 3rd-19th harmonics) through
    use of Spread Spectrum techniques.
• ICS91720 focuses on the lower input frequency
    range of 14.318 to 80.00 MHz with a spread
    modulation of 20kHz to 40kHz.

Specifications:
• Supply Voltages: VDD = 3.3V ±0.3V
• Frequency range: 14.318 MHz ≤ Fin ≥ 80 MHz
• Cyc to Cyc jitter: <150ps
• Output duty cycle 45-55%
• Guarantees +85°C operational condition.
• 8-pin SOIC/TSSOP
• Reference input




Similar Part No. - ICS91720

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS91720 RENESAS-ICS91720 Datasheet
270Kb / 12P
Low EMI, Spread Modulating, Clock Generator
2019
ICS91720YGLF-T RENESAS-ICS91720YGLF-T Datasheet
270Kb / 12P
Low EMI, Spread Modulating, Clock Generator
2019
ICS91720YMLF-T RENESAS-ICS91720YMLF-T Datasheet
270Kb / 12P
Low EMI, Spread Modulating, Clock Generator
2019
More results


Similar Description - ICS91720

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS91718 ICST-ICS91718 Datasheet
84Kb / 11P
Low EMI, Spread Modulating, Clock Generator
ICS91719 ICST-ICS91719 Datasheet
76Kb / 10P
Low EMI, Spread Modulating, Clock Generator
ICS91730 ICST-ICS91730 Datasheet
128Kb / 11P
Low EMI, Spread Modulating, Clock Generator
logo
Cypress Semiconductor
FS791 CYPRESS-FS791 Datasheet
143Kb / 9P
Low EMI Spectrum Spread Clock
CYIFS781BSXC CYPRESS-CYIFS781BSXC Datasheet
252Kb / 12P
Low EMI Spectrum Spread Clock
logo
Integrated Device Techn...
ICS91730 IDT-ICS91730 Datasheet
165Kb / 11P
LOW EMI, SPREAD MODULATING, CLOCK GENERATOR
logo
Renesas Technology Corp
ICS91718 RENESAS-ICS91718 Datasheet
301Kb / 12P
Low EMI, Spread Modulating, Clock Generator
2019
ICS91719 RENESAS-ICS91719 Datasheet
307Kb / 11P
Low EMI, Spread Modulating, Clock Generator
2019
ICS91720 RENESAS-ICS91720 Datasheet
270Kb / 12P
Low EMI, Spread Modulating, Clock Generator
2019
ICS91730 RENESAS-ICS91730 Datasheet
334Kb / 12P
LOW EMI, SPREAD MODULATING, CLOCK GENERATOR
2019
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com