Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS91718 Datasheet (PDF) - Integrated Circuit Systems

ICS91718 Datasheet PDF - Integrated Circuit Systems
Part # ICS91718
Download  ICS91718 Download
File Size   84.01 Kbytes
Page   11 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description Low EMI, Spread Modulating, Clock Generator

ICS91718 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS91718 Datasheet PDF - Integrated Circuit Systems

Part # ICS91718
Download  ICS91718 Click to download

File Size   84.01 Kbytes
Page   11 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description Low EMI, Spread Modulating, Clock Generator

ICS91718 Datasheet (HTML) - Integrated Circuit Systems


ICS91718 Product details

Features:
• ICS91718 is a Spread Spectrum Clock targeted
    for Mobile PC and LCD panel applications.
    Generates an EMI optimized clock signal (EMI
    peak reduction of 7-14 dB on 3rd-19th harmonics)
    through use of Spread Spectrum techniques.
• ICS91718 operates with input frequencies at 14.318 - 80 MHz.
• Spread modulation frequency range is 20kHz to 40kHz.
• Spread percentage/type programming through I2C.

Specifications:
• Supply Voltages: VDD = 3.3V ±0.3V
• Cyc to Cyc jitter: <150ps
• Output duty cycle 45/55%
• Guarantees +85°C operational condition
• 8-pin SOIC (150 mil) package




Similar Part No. - ICS91718

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS91718 RENESAS-ICS91718 Datasheet
301Kb / 12P
Low EMI, Spread Modulating, Clock Generator
2019
ICS91718YGLF-T RENESAS-ICS91718YGLF-T Datasheet
301Kb / 12P
Low EMI, Spread Modulating, Clock Generator
2019
ICS91718YMLF-T RENESAS-ICS91718YMLF-T Datasheet
301Kb / 12P
Low EMI, Spread Modulating, Clock Generator
2019
More results


Similar Description - ICS91718

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS91720 ICST-ICS91720 Datasheet
91Kb / 11P
Low EMI, Spread Modulating, Clock Generator
ICS91719 ICST-ICS91719 Datasheet
76Kb / 10P
Low EMI, Spread Modulating, Clock Generator
ICS91730 ICST-ICS91730 Datasheet
128Kb / 11P
Low EMI, Spread Modulating, Clock Generator
logo
Cypress Semiconductor
FS791 CYPRESS-FS791 Datasheet
143Kb / 9P
Low EMI Spectrum Spread Clock
CYIFS781BSXC CYPRESS-CYIFS781BSXC Datasheet
252Kb / 12P
Low EMI Spectrum Spread Clock
logo
Integrated Device Techn...
ICS91730 IDT-ICS91730 Datasheet
165Kb / 11P
LOW EMI, SPREAD MODULATING, CLOCK GENERATOR
logo
Renesas Technology Corp
ICS91718 RENESAS-ICS91718 Datasheet
301Kb / 12P
Low EMI, Spread Modulating, Clock Generator
2019
ICS91719 RENESAS-ICS91719 Datasheet
307Kb / 11P
Low EMI, Spread Modulating, Clock Generator
2019
ICS91720 RENESAS-ICS91720 Datasheet
270Kb / 12P
Low EMI, Spread Modulating, Clock Generator
2019
ICS91730 RENESAS-ICS91730 Datasheet
334Kb / 12P
LOW EMI, SPREAD MODULATING, CLOCK GENERATOR
2019
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com