Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS91718 Datasheet(PDF) 5 Page - Integrated Circuit Systems

Part # ICS91718
Description  Low EMI, Spread Modulating, Clock Generator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS91718 Datasheet(HTML) 5 Page - Integrated Circuit Systems

  ICS91718 Datasheet HTML 1Page - Integrated Circuit Systems ICS91718 Datasheet HTML 2Page - Integrated Circuit Systems ICS91718 Datasheet HTML 3Page - Integrated Circuit Systems ICS91718 Datasheet HTML 4Page - Integrated Circuit Systems ICS91718 Datasheet HTML 5Page - Integrated Circuit Systems ICS91718 Datasheet HTML 6Page - Integrated Circuit Systems ICS91718 Datasheet HTML 7Page - Integrated Circuit Systems ICS91718 Datasheet HTML 8Page - Integrated Circuit Systems ICS91718 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
ICS91718
0500D—07/15/04
BYTE
0 Pin #
Name
Control Function
0
1
PWD
Bit 7
-N/A
FS0
RW
1
Bit 6
-N/A
FS1
RW
0
Bit 5
N/A
FS2
RW
0
Bit 4
N/A
FS3
RW
0
Bit 3
N/A
FS4
RW
0
Bit 2
N/A
PD# Tri_Sate
RW
Hi-Z
LOW
1
Bit 1
N/A
Spread Enable
RW
OFF
ON
1
Bit 0
HW/SW Control
Spread Spectrum Control
FS 2:4 Hard/Software
Select
RW
HW
SW
0
BYTE
1 Pin #
Name
Control Function
0
1
PWD
Bit 7
5
REF_OUT
REF_OUT ENABLE
RW Disable Enable
1
Bit 6
5
REF_OUT
Slew Rate REF-OUT
RW Nominal
Fast
1
Bit 5
FS_IN1 Readback
FS_IN1 Readback
RW
-
-
1
Bit 4
FS_IN0 Readback
FS_IN0 Readback
RW
-
-
1
Bit 3
4
CLK_OUT
Slew Rate CLK-OUT
RW Nominal
Fast
1
Bit 2
4
CLK_OUT
CLK_OUT_Enable
RW Disable Enable
1
Bit 1
Reserved
Reserved
R
-
-
1
Bit 0
Reserved
Reserved
R
-
-
1
BYTE
2 Pin #
Name
Control Function
0
1
PWD
Bit 7
x
-
RESERVED
-
-
-
1
Bit 6
x
RESERVED
RESERVED
RW Disable Enable
1
Bit 5
x
RESERVED
RESERVED
RW Disable Enable
1
Bit 4
x
RESERVED
RESERVED
RW Disable Enable
1
Bit 3
x
RESERVED
RESERVED
RW Disable Enable
1
Bit 2
x
RESERVED
RESERVED
RW Disable Enable
1
Bit 1
x
RESERVED
RESERVED
RW Disable Enable
1
Bit 0
x
RESERVED
RESERVED
RW Disable Enable
1
See ROM TABLE
Bit Control
Affected Pin
Bit Control
Affected Pin
Bit Control
Affected Pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com