Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D471N Datasheet (PDF) - Infineon Technologies AG

D471N Datasheet PDF - Infineon Technologies AG
Part # D471N
Download  D471N Download
File Size   255.8 Kbytes
Page   9 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Full blocking capability 50/60Hz over a wide temperature range

D471N Datasheet (PDF)

Go To PDF Page Download Datasheet
D471N Datasheet PDF - Infineon Technologies AG

Part # D471N
Download  D471N Click to download

File Size   255.8 Kbytes
Page   9 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Full blocking capability 50/60Hz over a wide temperature range

D471N Datasheet (HTML) - Infineon Technologies AG


D471N Product details

Key Parameters
   VRRM 9000 V
   IFAVM 550 A (TC=100 °C)
   IFSM 3570A (T 11000 A C=55°C)
   VT0 1,04 V
   rT 1,8 mΩ
   RthJC 28 K/kW
   Clamping Force 10 … 16 kN
   Max. Diameter 58,5 mm
   Contact Diameter 34 mm
   Height 26,9 mm

Features
• Full blocking capability 50/60Hz over a wide temperature range
• High DC blocking stability
• High surge current capability
• Hermeticaly sealed ceramic package
• High case non-rupture current

Typical Applications
• Rectifier for Drives Applications
• Medium voltage converters
• Rectifier for Drives Applications
• Pulsed power applications




Similar Part No. - D471N

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
D471N EUPEC-D471N Datasheet
268Kb / 8P
Netz-Gleichrichterdiode Rectifier Diode
More results


Similar Description - D471N

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
D931SH INFINEON-D931SH Datasheet
293Kb / 11P
Full blocking capability 50/60Hz over a wide temperature range
2014-04-16 Revision: 8.0
D2700U INFINEON-D2700U Datasheet
335Kb / 8P
Full blocking capability 50/60Hz over a wide temperature range
2017-03-27 Revision: 1.1
D3001N INFINEON-D3001N Datasheet
250Kb / 9P
Full blocking capability 50/60Hz over a wide temperature range
2014-06-01 Revision: 9.1
D911SH INFINEON-D911SH Datasheet
356Kb / 11P
Full blocking capability 50/60Hz over a wide temperature range
2015-01-04 Revision: 10.1
D1031SH INFINEON-D1031SH Datasheet
357Kb / 11P
Full blocking capability 50/60Hz over a wide temperature range
2015-04-01 Revision: 8.2
D1301SH INFINEON-D1301SH Datasheet
273Kb / 8P
Full blocking capability 50/60Hz over a wide temperature range
2016-07-26 Revision: 2.4
D1331SH INFINEON-D1331SH Datasheet
349Kb / 11P
Full blocking capability 50/60Hz over a wide temperature range
2015-04-01 Revision: 10.2
D2201N INFINEON-D2201N Datasheet
223Kb / 7P
Full blocking capability 50/60Hz over a wide temperature range
2014-06-01 Revision: 7.1
D4201N INFINEON-D4201N Datasheet
251Kb / 9P
Full blocking capability 50/60Hz over a wide temperature range
2014-06-01 Revision: 6.1
D6001N INFINEON-D6001N Datasheet
258Kb / 9P
Full blocking capability 50/60Hz over a wide temperature range
2014-06-01 Revision: 3.1
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com