Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MJD32CUQ Datasheet (PDF) - Diodes Incorporated

MJD32CUQ Datasheet PDF - Diodes Incorporated
Part # MJD32CUQ
Download  MJD32CUQ Download
File Size   384.05 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 100V PNP HIGH VOLTAGE TRANSISTOR

MJD32CUQ Datasheet (PDF)

Go To PDF Page Download Datasheet
MJD32CUQ Datasheet PDF - Diodes Incorporated

Part # MJD32CUQ
Download  MJD32CUQ Click to download

File Size   384.05 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 100V PNP HIGH VOLTAGE TRANSISTOR

MJD32CUQ Datasheet (HTML) - Diodes Incorporated


MJD32CUQ Product details

Description
This Bipolar Junction Transistor (BJT) is designed to meet the stringent requirements of Automotive Applications.

Features
• BVCEO > -100V
• IC = -3A High Continuous Collector Current
• ICM = -5A Peak Pulse Current
• Ideal for Power Switching or Amplification Applications
• Complementary NPN Type: MJD31CUQ
• Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• Qualified to AEC-Q101 Standards for High Reliability
• PPAP Capable (Note 4)




Similar Part No. - MJD32CUQ

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJD32C ONSEMI-MJD32C Datasheet
150Kb / 6P
SILICON POWER TRANSISTORS
1998
logo
STMicroelectronics
MJD32C STMICROELECTRONICS-MJD32C Datasheet
65Kb / 5P
COMPLEMENTARY SILICON POWER TRANSISTORS
May-1999
logo
Fairchild Semiconductor
MJD32C FAIRCHILD-MJD32C Datasheet
49Kb / 5P
General Purpose Amplifier Low Speed Switching Applications D-PAK for Surface Mount Applications
logo
ON Semiconductor
MJD32C ONSEMI-MJD32C Datasheet
81Kb / 8P
Complementary Power Transistors
June, 2005 ??Rev. 6
logo
STMicroelectronics
MJD32C STMICROELECTRONICS-MJD32C Datasheet
173Kb / 9P
Low voltage PNP power transistor
25-Jun-2007
More results


Similar Description - MJD32CUQ

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FMMT593 DIODES-FMMT593_13 Datasheet
341Kb / 7P
100V PNP HIGH VOLTAGE TRANSISTOR IN SOT23
Rev 5
MJD32C DIODES-MJD32C_15 Datasheet
314Kb / 7P
100V PNP HIGH VOLTAGE TRANSISTOR IN TO252
Rev 6
MJD32CQ DIODES-MJD32CQ Datasheet
315Kb / 7P
100V PNP HIGH VOLTAGE TRANSISTOR IN TO252
Rev 1
FMMT593 DIODES-FMMT593_15 Datasheet
341Kb / 7P
100V PNP HIGH VOLTAGE TRANSISTOR IN SOT23
Rev 5
MJD32CQ DIODES-MJD32CQ_15 Datasheet
315Kb / 7P
100V PNP HIGH VOLTAGE TRANSISTOR IN TO252
Rev 1
MJD31C DIODES-MJD31C_18 Datasheet
372Kb / 7P
100V NPN HIGH VOLTAGE TRANSISTOR
Rev 8
MJD31CQ DIODES-MJD31CQ_16 Datasheet
456Kb / 7P
100V NPN HIGH VOLTAGE TRANSISTOR
Rev 3
MJD31CUQ DIODES-MJD31CUQ Datasheet
382Kb / 7P
100V NPN HIGH VOLTAGE TRANSISTOR
Rev 2
MJD32C DIODES-MJD32C_18 Datasheet
373Kb / 7P
100V PNP HIGH VOLTAGE TRANSISTOR
Rev 8
MJD32CQ DIODES-MJD32CQ_16 Datasheet
433Kb / 7P
100V PNP HIGH VOLTAGE TRANSISTOR
Rev 3
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com